Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 16 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT6370 Datasheet HTML 12Page - Analog Devices LT6370 Datasheet HTML 13Page - Analog Devices LT6370 Datasheet HTML 14Page - Analog Devices LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT6370
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
+–
LT6370
6370 F01a
V–
–15V
+15V
V+
REF
OUT
VD/2
VD/2
VCM
LT6370
G = 1
VS = ±15V
VREF = 0V
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
15
6370 F01b
+–
LT6370
6370 F01c
V–
–15V
+15V
V+
REF
OUT
RG
243
LT6370
VD/2
VD/2
VCM
+–
LT6370
6370 F01e
V–
–5V
+5V
V+
REF
OUT
VD/2
VD/2
VCM
LT6370
G = 100
VS = ±15V
VREF = 0V
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
15
6370 F01d
G = 1
VS = ±5V
VREF = 0V
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
6370 F01f
Valid Input and Output Range
Instrumentation amplifiers traditionally specify a valid
input common mode range and an output swing range.
This however often fails to identify limitations associated
with internal swing limits. Referring to the Simplified
Block Diagram, the output swing of pre-amplifiers A1
and A2 as well as the common-mode input range of the
difference amplifier A3 impose limitations on the valid
operating range. The following graphs show the operating
region where a valid output is produced.
Figure 1. Input Common Mode Range vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com