Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 20 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices LT6370 Datasheet HTML 21Page - Analog Devices LT6370 Datasheet HTML 22Page - Analog Devices LT6370 Datasheet HTML 23Page - Analog Devices LT6370 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT6370
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
For the lowest leakage, amplifiers can be used to drive the
guard ring. These buffers must have very low input bias
current since that will now be a leakage.
Input Bias Current Return Path
The low input bias current of the LT6370 (400pA max)
and high input impedance (225GΩ) allow the use of high
impedance sources without introducing additional offset
voltage errors, even when the full common mode range is
required. However, a path must be provided for the input
bias currents of both inputs when a purely differential
signal is being amplified. Without this path, the inputs
will float to either rail and exceed the input common
mode range of the LT6370, resulting in a saturated input
amplifier. Figure 8 shows three examples of an input bias
current path. The first example is of a purely differential
signal source with a 10kΩ input current path to ground.
Since the impedance of the signal source is low, only one
resistor is needed. Two matching resistors are needed for
higher impedance signal sources as shown in the second
example. Balancing the input impedance improves both
AC and DC common mode rejection and DC offset. The
need for input resistors is eliminated if a center tap is
present as shown in the third example.
Figure 8. Providing an Input Common Mode Current Path
10k
RG
RG
RG
6370 F08
THERMOCOUPLE
200k
MICROPHONE,
HYDROPHONE,
ETC
200k
CENTER-TAP PROVIDES
BIAS CURRENT RETURN
LT6370
LT6370
LT6370
REF
REF
REF
Input Protection
Additional input protection can be achieved by adding
external resistors in series with each input. If low value
resistors are needed, a clamp diode from the positive
supply to each input will help improve robustness. A
2N4394 drain/source to gate is a good low leakage diode
which can be used as shown in Figure 9. Robust input
resistors should be chosen, such as carbon composite
or bulk metal foil. Metal film and carbon film should not
be used because of their poor performance.
Figure 9. Input Protection
VEE
6370 F05
VCC
VCC
VCC
J2
2N4393
J1
2N4393
OUT
OPTIONAL FOR HIGHEST
ESD PROTECTION
RG
RIN
RIN
LT6370
REF
Maintaining AC CMRR
To achieve optimum AC CMRR, it is important to balance
the capacitance on the RG gain setting pins. Furthermore,
if the source resistance on each input is not equal, add-
ing an additional resistance to one input to improve input
source resistance matching will improve AC CMRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com