Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 19 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices LT6370 Datasheet HTML 21Page - Analog Devices LT6370 Datasheet HTML 22Page - Analog Devices LT6370 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT6370
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
selected for low thermal EMF characteristics. Furthermore,
the number, type, and layout of junctions should be matched
for both inputs with respect to thermal gradients on the cir-
cuit board. Doing so may involve deliberately introducing
dummy junctions to offset unavoidable junctions.
Air currents can also lead to thermal gradients and cause
significant noise in measurement systems. It is important
to prevent airflow across sensitive circuits. Doing so will
often reduce thermocouple noise substantially. Placing
PCB input traces close together, and on an internal PCB
layer, can help minimize temperature differentials result-
ing from air currents reacting with the input trace thermal
surface area.
Figure 4.
TEMPERATURE (°C)
25
1.8
2.4
3.0
2.8
2.6
2.0
2.2
1.4
1.6
0.8
1.0
0.2
0.4
30
40
45
6370 F04
1.2
0.6
0
35
Thermal EMF Generated by Two Copper Wires
From Different Manufacturers
Figure 5. Solder-Copper Thermal EMFs
SOLDER-COPPER JUNCTION DIFFERENTIAL TEMPERATURE
SOURCE: NEW ELECTRONICS 02-06-77
0
0
50
40
6370 F05
–50
–100
10
20
30
50
100
SLOPE ≈ 1.5µV/°C
BELOW 25°C
SLOPE ≈ 160nV/°C
BELOW 25°C
64% SN/36% Pb
60% Cd/40% SN
Reducing Board-Related Leakage Effects
Leakage currents can have a significant impact on sys-
tem accuracy, particularly in high temperature and high
voltage applications. Quality insulation materials should
be used, and insulating surfaces should be cleaned to
remove fluxes and other residues. For humid environ-
ments, surface coating may be necessary to provide a
moisture barrier.
Leakage into the RG pin conducts through the on-chip
feedback resistor, creating an error at the output of the
pre-amplifiers. This error is independent of gain and
degrades accuracy the most at low gains. This leakage
can be minimized by encircling the RG connections with a
guard-ring operated at a potential very close to that of the
RG pins. The DFN package has NC pins adjacent to each
RG pin which can be used to simplify the implementa-
tion of this guard-ring. These NC pins do not provide any
bias and have no internal connections. In some cases, the
guard-ring can be connected to the input voltage which
biases one diode drop below RG.
Figure 6.
6370 F06
–IN
–RG
+IN
+RG
RG
LT6370
Guard-Rings Can Be Used to Minimize
Leakage into the RG Pins
Leakage into the input pins reacts with the source resis-
tance, creating an error directly at the input. This leakage
can be minimized by encircling the input connections with
a guard-rings operated at a potential very close to that
of the input pins. In some cases, the guard-ring can be
connected to RG which biases one diode above the input.
Figure 7.
6370 F07
–IN
–RG
+IN
+RG
RG
LT6370
Guard-Rings Can Be Used to Minimize
Leakage into the Input Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com