Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 3 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 3 Page - Analog Devices

  LT6370 Datasheet HTML 1Page - Analog Devices LT6370 Datasheet HTML 2Page - Analog Devices LT6370 Datasheet HTML 3Page - Analog Devices LT6370 Datasheet HTML 4Page - Analog Devices LT6370 Datasheet HTML 5Page - Analog Devices LT6370 Datasheet HTML 6Page - Analog Devices LT6370 Datasheet HTML 7Page - Analog Devices LT6370 Datasheet HTML 8Page - Analog Devices LT6370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT6370
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = VREF = 0V, RL = 2kΩ.
SYMBOL PARAMETER
CONDITIONS
LT6370A
LT6370
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
G
Gain Range
G = (1 + 24.2k/RG) (Note 2)
1
1000
1
1000
V/V
Gain Error (Notes 3, 4)
G = 1
G = 1
G = 10
G = 10, TA = –40°C to 85°C
G = 10, TA = –40°C to 125°C
G = 100
G = 100, TA = –40°C to 85°C
G = 100, TA = –40°C to 125°C
G = 1000
G = 1000, TA = –40°C to 85°C
G = 1000, TA = –40°C to 125°C
l
l
l
l
l
l
l
–0.004
–0.02
–0.02
–0.05
0.01
0.02
0.08
0.4
0.58
0.08
0.4
0.58
0.15
0.47
0.65
–0.004
–0.02
–0.02
–0.05
0.015
0.025
0.1
0.42
0.6
0.1
0.42
0.6
0.2
0.52
0.7
%
%
%
%
%
%
%
%
%
%
%
Gain vs Temperature
(Notes 3, 4)
G = 1 (Note 5)
G > 1(Note 6)
l
l
0.2
20
0.5
30
0.2
20
0.5
50
ppm/°C
ppm/°C
Gain Nonlinearity (Notes 3, 7) VOUT = ±10V, G = 1
VOUT = ±10V, G = 1
VOUT = ±10V, G = 10
VOUT = ±10V, G = 10
VOUT = ±10V, G = 100
VOUT = ±10V, G = 100
VOUT = ±10V, G = 1000
VOUT = ±10V, G = 1000
l
l
l
l
1
3
20
50
3
6
20
65
30
105
200
270
1
3
20
50
5
8
30
75
55
130
300
370
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
VOUT = ±10V, G = 1, RL = 600Ω
VOUT = ±10V, G = 10, RL = 600Ω
VOUT = ±10V, G = 100, RL = 600Ω
VOUT = ±10V, G = 1000, RL = 600Ω
4
6
30
250
4
6
30
250
ppm
ppm
ppm
ppm
VOST, Total Input Referred Offset Voltage, VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
(Note 8)
S8E Package
MS8 Package
DD10 Package
S8E Package, TA = –40°C to 85°C
S8E Package, TA = –40°C to 125°C
MS8 Package, TA = –40°C to 85°C
MS8 Package, TA = –40°C to 125°C
DD10 Package, TA = –40°C to 85°C
DD10 Package, TA = –40°C to 125°C
l
l
l
l
l
l
±9
±25
±100
±125
±15
±8
±15
±55
±35
±60
±130
±155
±125
±150
±155
±180
μV
μV
μV
μV
μV
μV
μV
μV
μV
VOSO
Output Offset Voltage
(Note 8)
S8E Package
MS8 Package
DD10 Package
S8E Package, TA = –40°C to 85°C
S8E Package, TA = –40°C to 125°C
MS8 Package, TA = –40°C to 85°C
MS8 Package, TA = –40°C to 125°C
DD10 Package, TA = –40°C to 85°C
DD10 Package, TA = –40°C to 125°C
l
l
l
l
l
l
±60
±165
±390
±515
±70
±30
±45
±265
±150
±250
±490
±615
±325
±400
±510
±650
μV
μV
μV
μV
μV
μV
μV
μV
μV
VOSI/T
Input Offset Voltage Drift
(Notes 5, 8)
S8E Package, TA = –40°C to 85°C
S8E Package, TA = –40°C to 125°C
MS8 Package, TA = –40°C to 85°C
MS8 Package, TA = –40°C to 125°C
DD10 Package, TA = –40°C to 85°C
DD10 Package, TA = –40°C to 125°C
l
l
l
l
l
l
±0.3
±0.4
±0.4
±0.5
±0.3
±0.4
±0.4
±0.5
μV/°C
μV/°C
μV/°C
μV/°C
μV/°C
μV/°C
Input Offset Voltage
Hysteresis (Note 9)
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
±1.5
±3
±1.5
±3
μV
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com