Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 17 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT6370 Datasheet HTML 13Page - Analog Devices LT6370 Datasheet HTML 14Page - Analog Devices LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices LT6370 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT6370
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
+–
LT6370
6370 F01g
V–
–5V
+5V
V+
REF
OUT
RG
243
LT6370
VD/2
VD/2
VCM
G = 100
VS = ±5V
VREF = 0V
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
6370 F01h
+–
+–
LT6370
6370 F01i
V–
+5V
V+
REF
OUT
VD/2
VD/2
VCM
2.5V
LT6370
+–
+–
LT6370
6370 F01k
V–
+5V
V+
REF
OUT
RG
243
LT6370
VD/2
VD/2
VCM
2.5V
G = 1
V + = 5V
V – = 0V
VREF = 2.5V
OUTPUT VOLTAGE (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6370 F01j
G = 100
V + = 5V
V – = 0V
VREF = 2.5V
OUTPUT VOLTAGE (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6370 F01l
Figure 1 (Continued). Input Common Mode Range vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com