Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 2 Page - Analog Devices

Part # LT6370
Description  25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 2 Page - Analog Devices

  LT6370 Datasheet HTML 1Page - Analog Devices LT6370 Datasheet HTML 2Page - Analog Devices LT6370 Datasheet HTML 3Page - Analog Devices LT6370 Datasheet HTML 4Page - Analog Devices LT6370 Datasheet HTML 5Page - Analog Devices LT6370 Datasheet HTML 6Page - Analog Devices LT6370 Datasheet HTML 7Page - Analog Devices LT6370 Datasheet HTML 8Page - Analog Devices LT6370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT6370
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................36V
Input Voltage (+IN, –IN,
+RG, –RG, REF).................. (V– – 0.3V) to (V+ + 0.3V)
Differential Input Voltage (+IN to –IN).....................±36V
Input Current (+RG, –RG) .......................................±2mA
Input Current (+IN, –IN) ...................................... ±10mA
Input Current (REF) .............................................–10mA
Output Short-Circuit Duration.............Thermally Limited
(Note 1)
1
2
3
4
–RG
–IN
+IN
V–
8
7
6
5
+RG
V+
OUTPUT
REF
TOP VIEW
MS8 PACKAGE
8-LEAD MS
θJA = 163°C/W, θJC = 40°C/W
–
+
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 11) IS CONNECTED TO V– (PIN 5)
(PCB CONNECTION OPTIONAL)
10
9
6
7
8
4
5
3
2
1
+RG
NC
V+
OUTPUT
REF
–RG
NC
–IN
+IN
V–
11
1
2
3
4
8
7
6
5
TOP VIEW
+RG
V+
OUTPUT
REF
–RG
–IN
+IN
V–
S8E PACKAGE
8-LEAD PLASTIC SOIC
θJA = 33°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 9) MUST FLOAT
OR BE CONNECTED TO V+ IN ADDITION TO PIN 7
9
Output Current .......................................................80mA
Operating and Specified Temperature Range
I-Grade.................................................–40°C to 85°C
H-Grade ............................................. –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6370IS8E#PBF
LT6370IS8E#TRPBF
6370
8-Lead Plastic SO
–40°C to 85°C
LT6370HS8E#PBF
LT6370HS8E#TRPBF
6370
8-Lead Plastic SO
–40°C to 125°C
LT6370IMS8#PBF
LT6370IMS8#TRPBF
LTGZP
8-Lead Plastic MSOP
–40°C to 85°C
LT6370HMS8#PBF
LT6370HMS8#TRPBF
LTGZP
8-Lead Plastic MSOP
–40°C to 125°C
LT6370IDD#PBF
LT6370IDD#TRPBF
LGZN
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT6370HDD#PBF
LT6370HDD#TRPBF
LGZN
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT6370AIS8E#PBF
LT6370AIS8E#TRPBF
6370
8-Lead Plastic SO
–40°C to 85°C
LT6370AHS8E#PBF
LT6370AHS8E#TRPBF
6370
8-Lead Plastic SO
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com