Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5422 Datasheet HTML 14Page - Analog Devices AD5422 Datasheet HTML 15Page - Analog Devices AD5422 Datasheet HTML 16Page - Analog Devices AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD5420
Preliminary Technical Data
Rev. PrD | Page 18 of 29
THEORY OF OPERATION
The AD5420 is a precision digital to current loop output
converter designed to meet the requirements of industrial
process control applications. It provides a high precision, fully
integrated, low cost single-chip solution for generating current
loop outputs. The current ranges available are; 0 to 20mA, 0 to
24mA and 4 to 20mA, The desired output configuration is user
selectable via the CONTROL register.
ARCHITECTURE
The DAC core architecture of the AD5420 consists of two
matched DAC sections. A simplified circuit diagram is shown
in Figure 33. The 4 MSBs of the 16-bit data word are decoded to
drive 15 switches, E1 to E15. Each of these switches connects 1
of 15 matched resistors to either ground or the reference buffer
output. The remaining 12 bits of the data-word drive switches
S0 to S11 of a 12-bit voltage mode R-2R ladder network.
2R
S0
VREF
2R
S1
2R
S11
2R
E1
2R
E2
2R
E15
2R
VOUT
12-BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
RR
Figure 33. DAC Ladder Structure
The voltage output from the DAC core is converted to a current
(see diagram, Figure 34) which is then mirrored to the supply
rail so that the application simply sees a current source output
with respect to ground.
16-BIT
DAC
R1
R2
R3
IOUT
AVDD
A1
A2
T1
T2
Figure 34. Voltage to Current conversion circuitry
Reference Buffers
The AD5420 can operate with either an external or internal
reference. The reference input has an input range of 4 V to 5 V,
5 V for specified performance. This input voltage is then buffered
before it is applied to the DAC.
SERIAL INTERFACE
The AD5420 is controlled over a versatile 3-wire serial interface
that operates at clock rates up to 30 MHz. It is compatible with
SPI®, QSPI™, MICROWIRE™, and DSP standards.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK. Data is clocked in on the rising edge of
SCLK. The input register consists of 8 control bits and 16 data
bits as shown in Table 7. The 24 bit word is unconditionally
latched on the rising edge of LATCH. Data will continue to be
clocked in irrespective of the state of LATCH, on the rising edge
of LATCH the data that is present in the input register will be
latched, in other words the last 24 bits to be clocked in before
the rising edge of LATCH will be the data that is latched. The
timing diagram for this operation is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com