Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices AD5422 Datasheet HTML 23Page - Analog Devices AD5422 Datasheet HTML 24Page - Analog Devices AD5422 Datasheet HTML 25Page - Analog Devices AD5422 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD5420
Preliminary Technical Data
Rev. PrD | Page 22 of 29
RESET REGISTER
The RESET register is addressed by setting the control word of the input shift register to 0x56. The data to be written to the RESET
register is entered in positions D15 to D0 as shown in Table 15. The RESET register options are shown in Table 15 and Table 16.
Table 15. Programming the CONTROL 2 Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RESET
Table 16. Control 2 register Functions
Option
Description
RESET
Setting this bit performs a reset operation, restoring the AD5420 to its initial power on state
STATUS REGISTER
The STATUS register is a read only register. The STATUS register functionality is shown in Table 17 and Table 18.
Table 17. Decoding the STATUS Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
IOUT FAULT
SLEW ACTIVE
OVER TEMP
Table 18. STATUS Register Functions
Option
Description
IOUT FAULT
This bit will be set if a fault is detected on the IOUT pin.
SLEW ACTIVE
This bit will be set while the output value is slewing (slew rate control enabled)
OVER TEMP
This bit will be set if the AD5420 core temperature exceeds approx. 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com