Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5422 Datasheet HTML 16Page - Analog Devices AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices AD5422 Datasheet HTML 23Page - Analog Devices AD5422 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD5420
Preliminary Technical Data
Rev. PrD | Page 20 of 29
Daisy-Chain Operation
For systems that contain several devices, the SDO pin can be
used to daisy chain several devices together as shown in Figure
35. This daisy-chain mode can be useful in system diagnostics
and in reducing the number of serial interface lines. Daisychain
mode is enabled by setting the DCEN bit of the CONTROL 1
register. The first rising edge of SCLK that clocks in the MSB of
the dataword marks the beginning of the write cycle. SCLK is
continuously applied to the input shift register. If more than 24
clock pulses are applied, the data ripples out of the shift register
and appears on the SDO line. This data is clocked out on the
falling edge of SCLK and is valid on the next rising edge. By
connecting the SDO of the first device to the SDIN input of the
next device in the chain, a multidevice interface is constructed.
Each device in the system requires 24 clock pulses. Therefore,
the total number of clock cycles must equal 24 × N, where N is
the total number of AD5420 devices in the chain. When the
serial transfer to all devices is complete, LATCH is taken high.
This latches the input data in each device in the daisy chain.
The serial clock can be a continuous or a gated clock.
A continuous SCLK source can only be used if LATCH is taken
high after the correct number of clock cycles. In gated clock
mode, a burst clock containing the exact number of clock cycles
must be used, and LATCH must be taken high after the final
clock to latch the data. See Figure 4 for a timing diagram.
Readback Operation
Readback mode is invoked by setting the control word and read
address as shown in Table 9 and Table 10 when writing to the
input register. The next write to the AD5420 should be a NOP
command which will clock out the data from the previously
addressed register as shown in Figure 3.
By default the SDO pin is disabled, after having addressed the
AD5420 for a read operation, a rising edge on LATCH will
enable the SDO pin in anticipation of data being clocked out,
after the data has been clocked out on SDO, a rising edge on
LATCH will disable (tri-state) the SDO pin once again.
To read back the data register for example, the following
sequence should be implemented:
1.
Write 0x020001 to the AD5420 input register. This
configures the part for read mode with the data register
selected.
2.
Follow this with a second write, a NOP condition, 0x000000
During this write, the data from the register is clocked out
on the SDO line.
Table 9. Input Shift Register Contents for a read operation
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Read
Address
Table 10. Read Address Decoding
Read Address
Function
00
Read Status Register
01
Read Data Register
10
Read Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com