Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 28Page - Analog Devices MAX98374 Datasheet HTML 29Page - Analog Devices MAX98374 Datasheet HTML 30Page - Analog Devices MAX98374 Datasheet HTML 31Page - Analog Devices MAX98374 Datasheet HTML 32Page - Analog Devices MAX98374 Datasheet HTML 33Page - Analog Devices MAX98374 Datasheet HTML 34Page - Analog Devices MAX98374 Datasheet HTML 35Page - Analog Devices MAX98374 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
(VPVDD = 12V, VDVDD = 1.8V, AGND = DGND = PGND = 0V, CPVDD = 2x10µF + 2x0.1µF+ 1x220µF, CDVDD = 1µF, ZVREFC = 10µF
+ 30Ω, ZSPK = Open, SPK_GAIN_MAX = 0x7, SPK_FSW_SEL = 0, AC Measurement Bandwidth = 20Hz to 20kHz, PCM Interface,
fS = 48kHz, 24-bit data, TA = TMIN to TMAX. Typical values are at TA = +25°C.)
Typical Operating Characteristics (continued)
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
FREQUENCY (Hz)
WLP PACKAGE
ZSPK = 8Ω+33µH
fSR = 32kHz
LARGE SIGNAL, 1kHz SINEWAVE INPUT
INBAND OUTPUT SPECTRUM
toc42a
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
FREQUENCY (Hz)
FCQFN PACKAGE
ZSPK = 8Ω+33µH
fSR = 32kHz
1kHz SINEWAVE INPUT
INBAND OUTPUT SPECTRUM
toc42b
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
WLP PACKAGE
ZSPK = 8Ω+33µH
fSR = 44.1kHz
1kHz SINEWAVE INPUT
INBAND OUTPUT SPECTRUM
toc45a
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
FREQUENCY (Hz)
WLP PACKAGE
ZSPK = 8Ω+33µH
fSR = 32kHz
SMALL SIGNAL, 1kHz SINEWAVE INPUT
INBAND OUTPUT SPECTRUM
toc43a
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
FREQUENCY (Hz)
FCQFN PACKAGE
ZSPK = 8Ω+33µH
fSR = 32kHz
1kHz SINEWAVE INPUT
INBAND OUTPUT SPECTRUM
toc43b
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
WLP PACKAGE
ZSPK = 8Ω+33µH
fSR = 44.1kHz
1kHz SINEWAVE INPUT
INBAND OUTPUT SPECTRUM
toc46a
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
FREQUENCY (Hz)
WLP PACKAGE
ZSPK = 8Ω+33µH
fSR = 32kHz
IDLE INPUT
INBAND OUTPUT SPECTRUM
toc44a
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
FREQUENCY (Hz)
FCQFN PACKAGE
ZSPK = 8Ω+33µH
fSR = 32kHz
INBAND OUTPUT SPECTRUM
toc44b
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
5000
10000
15000
20000
FREQUENCY (Hz)
WLP PACKAGE
ZSPK = 8Ω+33µH
fSR = 44.1kHz
INBAND OUTPUT SPECTRUM
toc47a
MAX98374
Digital Input Class D Speaker Amplifier with DHT
Maxim Integrated │ 32
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com