Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 72 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 72 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 68Page - Analog Devices MAX98374 Datasheet HTML 69Page - Analog Devices MAX98374 Datasheet HTML 70Page - Analog Devices MAX98374 Datasheet HTML 71Page - Analog Devices MAX98374 Datasheet HTML 72Page - Analog Devices MAX98374 Datasheet HTML 73Page - Analog Devices MAX98374 Datasheet HTML 74Page - Analog Devices MAX98374 Datasheet HTML 75Page - Analog Devices MAX98374 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 129 page
background image
Interrupts
The device supports individually enabled status interrupts
for sending feedback to the host about events that have
occurred on-chip. When enabled, interrupts are transmit-
ted on the IRQ output in I2C control mode and through the
SoundWire slave interface in SoundWire control mode.
Interrupt Bit Field Composition
Each interrupt source has five individual bit field compo-
nents. The function of each component is detailed below
and the corresponding bit fields for each source can be
identified by the appended suffix (shown in parentheses).
Raw Status (RAW)
Each interrupt source has a read-only bit to indicate the
real-time raw status of the interrupt source.
State (STATE)
Each interrupt source has a read-only state bit that is set
whenever a rising edge occurs on the associated raw
status bit. The state bit is set regardless of the setting of
the source enable bit.
Flag (FLAG)
Each interrupt source has a read-only flag bit. If the source
enable bit is set, then the flag bit is set, and an interrupt can
be generated whenever the source state bit is set.
Enable (EN)
Each interrupt source has a dynamic read/write enable
bit. When the enable bit is set, the associated flag bit
is set, and an interrupt can be generated whenever the
source state bit is set.
Clear (CLR)
Each interrupt source has a dynamic write-only clear bit.
Writing a 1 to a clear bit resets the associated state and flag
bits to 0. Writing a 0 to a clear bit has no effect. In I2C con-
trol mode, the IRQ output is deasserted if all flag bits are 0.
IRQ Output Configuration
The device allows the user to configure the drive mode
and polarity of the IRQ output. The IRQ_MODE bit con-
trols the drive mode. If IRQ_MODE is 0, the pin is config-
ured as an open-drained output and requires an external
pullup resistor. If IRQ_MODE is 1, then IRQ is configured
as a push-pull CMOS output.
The IRQ_POL bit controls the polarity of the IRQ bus.
Interrupt events (a flag bit is set high) assert the IRQ bus
low if IRQ_POL = 0 and high if IRQ_POL = 1. The IRQ bus
deasserts if all flag bits are cleared (set low).
Interrupt Sources
The events in Device Interrupt Sources can cause device
interrupts when enabled (corresponding interrupt enable
set high).
IRQ Bus Configuration
REGISTER ADDRESS = 0x2010
DESCRIPTION
BIT PoR
BIT NAME
TYPE
RES
7
0
RESERVED
—
—
Unused
Returns 0 if read.
6
0
5
0
4
0
3
0
2
0
IRQ_MODE
RW-R
IRQ
IRQ Mode
Controls the drive mode of the IRQ Output.
0 = Open-drain output (an external pullup resistor is necessary)
1 = CMOS push-pull output
1
0
IRQ_POL
RW-R
IRQ
IRQ Polarity
Controls the IRQ bus polarity.
0 = Low when any interrupt FLAG bits are high
1 = High when any interrupt FLAG bits are high
0
0
IRQ_EN
RW-D
—
IRQ Enable
Enables the IRQ Output.
0 = IRQ output is disabled and is high-impedance
1 = IRQ output is enabled and is controlled by the interrupt controller
MAX98374
Digital Input Class D Speaker Amplifier with DHT
www.maximintegrated.com
Maxim Integrated │ 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com