Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 9Page - Analog Devices MAX98374 Datasheet HTML 10Page - Analog Devices MAX98374 Datasheet HTML 11Page - Analog Devices MAX98374 Datasheet HTML 12Page - Analog Devices MAX98374 Datasheet HTML 13Page - Analog Devices MAX98374 Datasheet HTML 14Page - Analog Devices MAX98374 Datasheet HTML 15Page - Analog Devices MAX98374 Datasheet HTML 16Page - Analog Devices MAX98374 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
(VPVDD = 12V, VDVDD = 1.8V, AGND = DGND = PGND = 0V, CPVDD = 2x10µF + 2x0.1µF + 1x220µF, CDVDD = 1µF, ZVREFC = 10µF
+ 30Ω, ZSPK = Open, SPK_GAIN_MAX = 0x7, SPK_FSW_SEL = 0, AC Measurement Bandwidth = 20Hz to 20kHz, PCM Interface,
fS = 48kHz, 24-bit data, TA = TMIN to TMAX unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Turn-On Time
tON
From EN bit set to 1
to full operation
Volume ramping
disabled
4.8
ms
Volume ramping
enabled
6.4
Turn-Off Time
tOFF
From EN bit set to 0
to shutdown
Volume ramping
disabled
0.01
ms
Volume ramping
enabled
1.8
DIGITAL FILTER CHARACTERISICS (fS < 50kHz) (Note 4)
Valid Sample Rates
16
48
kHz
Passband
fPLP
Ripple < δP
0.4535 x fS
Hz
Droop < -3dB
0.459 x fS
Passband Ripple
δP
f < fPLP, referenced to signal level at 1kHz
-0.1
+0.1
dB
Stopband
fSLP
Attenuation > δS
0.49 x fS
Hz
Stopband Attenuation
δS
f > fSLP
80
dB
Max Group Delay
f = 1kHz, all sample rates
8
samples
DIGITAL FILTER CHARACTERISICS (fS > 50kHz) (Note 4)
Valid Sample Rates
88.2
96
kHz
Passband
fPLP
Ripple < δP
0.23 x fS
Hz
Droop < -3dB
0.31 x fS
Passband Ripple
δP
f < fPLP, referenced to signal level at 1kHz
-0.1
+0.1
dB
Stopband
fSLP
Attenuation > δS
0.49 x fS
Hz
Stopband Attenuation
δS
f > fSLP
80
dB
Group Delay
f = 1kHz, all sample rates
13
samples
DIGITAL HIGHPASS FILTER CHARACTERISTICS (Note 4)
DC Attenuation
80
dB
DC Blocking Cutoff
Frequency
Scales with sample rate
1.872
Hz
DIGITAL VOLUME CONTROL
Maximum Digital
Volume
SPK_VOL[6:0] = 0x00
0
dB
Minimum Digital
Volume
SPK_VOL[6:0] = 0x7E
-63
dB
Digital Volume
Control Step Size
0.5
dB
MAX98374
Digital Input Class D Speaker Amplifier with DHT
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com