Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 17Page - Analog Devices MAX98374 Datasheet HTML 18Page - Analog Devices MAX98374 Datasheet HTML 19Page - Analog Devices MAX98374 Datasheet HTML 20Page - Analog Devices MAX98374 Datasheet HTML 21Page - Analog Devices MAX98374 Datasheet HTML 22Page - Analog Devices MAX98374 Datasheet HTML 23Page - Analog Devices MAX98374 Datasheet HTML 24Page - Analog Devices MAX98374 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
(VPVDD = 12V, VDVDD = 1.8V, AGND = DGND = PGND = 0V, CPVDD = 2x10µF + 2x0.1µF + 1x220µF, CDVDD = 1µF, ZVREFC = 10µF
+ 30Ω, ZSPK = Open, SPK_GAIN_MAX = 0x7, SPK_FSW_SEL = 0, AC Measurement Bandwidth = 20Hz to 20kHz, PCM Interface,
fS = 48kHz, 24-bit data, TA = TMIN to TMAX unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Figure 5. I2C Timing
I2C Interface Timing Characteristics
STOP
CONDITION
REPEATED START
CONDITION
SCL
SDA
tLOW
tHIGH
tF
tR
tHD,STA
tHD,DAT
tSU,DAT
tSU,STA
tBUF
tSU,STO
START
CONDITION
START
CONDITION
tHD,STA
tSP
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
0
1000
kHz
Bus Free Time Between
STOP and START
Conditions
tBUF
0.5
µs
Hold Time (Repeated)
START Condition
tHD,STA
0.26
µs
SCL Pulse-Width Low
tLOW
0.5
µs
SCL Pulse-Width High
tHIGH
0.26
µs
Setup Time for a Repeated
START Condition
tSU,STA
0.26
µs
Data Hold Time
tHD,DAT
0
900
ns
Data Setup Time
tSU,DAT
50
ns
SDA and SCL Receiving
Rise Time
tR
20 +
0.1CB
120
ns
SDA and SCL Receiving
Fall Time
tF
20 +
0.1CB
120
ns
SDA Transmitting
Fall Time
tF
VDVDD =1. 71V
20
120
ns
Setup Time for STOP
Condition
tSU,STO
0.26
µs
Bus Capacitance
CB
550
pF
Pulse Width of Suppressed
Spike
tSP
0
50
ns
MAX98374
Digital Input Class D Speaker Amplifier with DHT
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com