Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 48Page - Analog Devices MAX98374 Datasheet HTML 49Page - Analog Devices MAX98374 Datasheet HTML 50Page - Analog Devices MAX98374 Datasheet HTML 51Page - Analog Devices MAX98374 Datasheet HTML 52Page - Analog Devices MAX98374 Datasheet HTML 53Page - Analog Devices MAX98374 Datasheet HTML 54Page - Analog Devices MAX98374 Datasheet HTML 55Page - Analog Devices MAX98374 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 129 page
background image
I2C Serial Interface
The I2C serial control interface is activated when the
device detects a valid I2C start condition at the SDA
and SCL pins. To detect a valid start condition, the initial
power-up of both supplies must have occurred and the
device cannot currently be in hardware shutdown.
I2C Slave Address
The slave address is defined as the seven most signifi-
cant bits (MSBs) followed by the read/write bit. The seven
MSBs are programmable through the ADDR connection,
and the required SDA and SCL connections for each
address are shown in Table 7. The ADDR pin cannot
be left unconnected (the device may not communicate).
Setting the read/write bit to 1 configures the device for
read mode. Setting the read/write bit to 0 configures the
device for write mode. The I2C slave address is the first
byte of information sent to the device after the START
condition.
I2C Slave Interface Operation
The device features an I2C/SMBus™-compatible, 2-wire
slave serial interface consisting of a serial data line (SDA)
and a serial clock line (SCL). SDA and SCL facilitate com-
munication between the device and the master at clock
rates up to 1MHz (FM+ standard).
Figure 10 shows the 2-wire I2C slave interface timing
diagram. The master generates SCL and initiates data
transfer on the bus. The master device writes data to
the device by transmitting the proper slave address fol-
lowed by two register address bytes (most significant byte
first) and then the data word. Each transmit sequence is
framed by a START (S) or REPEATED START (Sr) condi-
tion and a STOP (P) condition. Each word transmitted to
the device is 8 bits long and is followed by an acknowl-
edge clock pulse.
A master reading data from the device transmits the
proper slave address followed by a series of nine SCL
pulses. The device transmits data on SDA in sync with
the master-generated SCL pulses. The master acknowl-
edges receipt of each byte of data. Each read sequence
is framed by a START (S) or REPEATED START (Sr)
condition, a not acknowledge, and a STOP (P) condition.
SDA operates as both an input and an open-drain output.
A pullup resistor, typically greater than 500Ω, is required
on SDA. SCL operates only as an input. A pullup resistor,
typically greater than 500Ω, is required on SCL if there are
multiple masters on the bus, or if the single master has an
open-drain SCL output. Series resistors in line with SDA
and SCL are optional. Series resistors protect the digital
inputs of the device from high voltage spikes on the bus
lines and minimize crosstalk and undershoot of the bus
signals.
Bit Transfer
One data bit is transferred during each SCL cycle. The
data on SDA must remain stable during the high period
of the SCL pulse. Changes in SDA while SCL is high are
control signals (see the START and STOP Conditions
section).
Table 7. Configuring the I2C Slave Address
ADDR CONNECTION
I2C SLAVE ADDRESS
Connected to DVDD
0x62
Connected to DGND
0x64
Connected to SDA
0x66
Connected to SCL
0x68
MAX98374
Digital Input Class D Speaker Amplifier with DHT
www.maximintegrated.com
Maxim Integrated │ 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com