Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 92 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 92 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 88Page - Analog Devices MAX98374 Datasheet HTML 89Page - Analog Devices MAX98374 Datasheet HTML 90Page - Analog Devices MAX98374 Datasheet HTML 91Page - Analog Devices MAX98374 Datasheet HTML 92Page - Analog Devices MAX98374 Datasheet HTML 93Page - Analog Devices MAX98374 Datasheet HTML 94Page - Analog Devices MAX98374 Datasheet HTML 95Page - Analog Devices MAX98374 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 129 page
background image
Figure 30. Example of Dynamic Headroom Tracking in Mode 3b Operation (Limiter Enabled)
DHT Enable
THE BEHAVIOR SHOWN IS
THE RESULT OF THE DHT
AND THE LIMITER WORKING
IN CONCERT
VMPO
0
-30
VRP
VRP < VPVDD < VMIN
INPUT SIGNAL LEVEL
(dBFS)
COMPRESSION
LIMITING
VMIN
LIMITER ENABLED
REGISTER ADDRESS = 0x20D4
DESCRIPTION
BIT PoR
BIT NAME
TYPE
RES
7
0
RESERVED
—
—
Unused
Returns 0 if read.
6
0
5
0
4
0
3
0
2
0
1
0
0
0
DHT_EN
RW-S
EN
DHT Enable Control
Select whether DHT is enabled or disabled.
0 = DHT is disabled
1 = DHT is enabled
MAX98374
Digital Input Class D Speaker Amplifier with DHT
www.maximintegrated.com
Maxim Integrated │ 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com