Electronic Components Datasheet Search
  English  ▼

X  

MAX98374 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX98374
Description  Digital Input Class D Speaker Amplifier with DHT
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98374 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX98374 Datasheet HTML 82Page - Analog Devices MAX98374 Datasheet HTML 83Page - Analog Devices MAX98374 Datasheet HTML 84Page - Analog Devices MAX98374 Datasheet HTML 85Page - Analog Devices MAX98374 Datasheet HTML 86Page - Analog Devices MAX98374 Datasheet HTML 87Page - Analog Devices MAX98374 Datasheet HTML 88Page - Analog Devices MAX98374 Datasheet HTML 89Page - Analog Devices MAX98374 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 129 page
background image
Clock Monitor
The device provides an optional clock monitor that is
enabled by setting CMON_EN (Device Auto-Restart
Configuration) to 1. When enabled, the block monitors
the active clock source (BCLK in I2C control/PCM inter-
face mode and SWCLK in SoundWire control mode) and
automatically places the device into shutdown if a clock
source error is detected. This prevents unwanted signals
from reaching the speaker path output during a fault con-
dition.
The clock monitor detects a clock source error if the
monitored clock source (BCLK or SWCLK) stops high
or low for more than 60μs (typ). The timeout of the clock
monitor is determined by an internal oscillator, which has
a typical variability of ±10% over the devices operating
temperature range.
The clock monitor can be programmed to respond to the
loss and reapplication of the clock source in two ways.
When the CMON_AUTORESTART_EN bit (Device Auto-
Restart Configuration) is set to 0 and a clock source error
is detected, the clock monitor generates an interrupt
(CLKSTOP_*) and places the device into software shut-
down by setting EN to 0. When a valid clock is reapplied,
the clock monitor generates an interrupt (CLKSTART_*);
however, the device remains in software shutdown until
the host sets EN to 1.
When the CMON_AUTORESTART_EN bit is set to 1 and
a clock source error is detected, the clock monitor gener-
ates an interrupt (CLKSTOP_*) and places the device
into shutdown internally. When a valid clock is reapplied,
the clock monitor generates an interrupt (CLKSTART_*)
and the device automatically exits shutdown. The value
of EN is not changed in auto restart mode, and remains
1 throughout the process. As a result, when auto restart
is enabled, the device does not go through the full power-
down/up sequence, and audible glitches may occur.
Clock Monitor in SoundWire Control Mode
If the SoundWire master uses ClockStop events, then
the clock monitor should be disabled in SoundWire con-
trol mode. In this case, to prevent audible glitches, the
SoundWire master should instead place the device into
software shutdown directly prior to initiating a ClockStop
event.
Measurement ADC PVDD Channel Enable
REGISTER ADDRESS = 0x2056
DESCRIPTION
BIT
PoR
BIT NAME
TYPE
RES
7
0
RESERVED
—
—
Unused
Returns 0 if read.
6
0
5
0
4
0
3
0
2
0
1
0
0
0
MEAS_ADC_PVDD_EN
RW-D
—
Measurement ADC PVDD Channel Enable
Manually enables the measurement ADC PVDD channel.
0 = PVDD channel disabled
1 = PVDD channel enabled
MAX98374
Digital Input Class D Speaker Amplifier with DHT
www.maximintegrated.com
Maxim Integrated │ 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com