Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 49 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 49 Page - Analog Devices

Back Button MAX98396 Datasheet HTML 45Page - Analog Devices MAX98396 Datasheet HTML 46Page - Analog Devices MAX98396 Datasheet HTML 47Page - Analog Devices MAX98396 Datasheet HTML 48Page - Analog Devices MAX98396 Datasheet HTML 49Page - Analog Devices MAX98396 Datasheet HTML 50Page - Analog Devices MAX98396 Datasheet HTML 51Page - Analog Devices MAX98396 Datasheet HTML 52Page - Analog Devices MAX98396 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
PCM Interface Timing
Figure 8 and Figure 9 shows timing for BCLK, LRCLK, DIN, and DOUT. See the Electrical Characteristics table for more
details.
DC x tBCLK
LRCLK
(INPUT)
DIN
(INPUT)
tSYNCSET
tSETUP
tHOLD
tBCLK
BCLK
(INPUT)
LRCLK
(INPUT)
DIN
(INPUT)
tSYNCHOLD
tSETUP
tHOLD
(1-DC) x tBCLK
tSYNCHOLD
BCLK
(INPUT)
(1-DC) x tBCLK
tBCLK
DC x tBCLK
tSYNCSET
BCLK RISING ACTIVE EDGE
BCLK FALLING ACTIVE EDGE
Figure 8. PCM Interface Timing/Slave Mode—LRCLK, BCLK, DIN Timing Diagram
BCLK
tACTV
DOUT
(OUTPUT)
tCLKTX
tHi-Z
Hi-Z
ACTIVE
ACTIVE
Hi-Z
Figure 9. PCM Interface Timing/DOUT Timing Diagram
Interrupts
The device supports individually enabled status interrupts for sending feedback to the host about events that have
occurred on-chip. When enabled, interrupts are transmitted on the IRQ output.
Interrupt Bit Field Composition
Each interrupt source has five individual bit field components. The function of each component is detailed as follows, and
the corresponding bit fields for each source can be identified by the appended suffix (shown in parentheses).
● Raw Status (RAW): Each interrupt source has a read-only bit to indicate the real-time raw status of the interrupt
source.
● State (STATE): Each interrupt source has a read-only state bit that is set whenever a rising edge occurs on the
associated raw status bit. The state bit is set regardless of the setting of the source enable bit.
● Flag (FLAG): Each interrupt source has a read-only flag bit. If the source enable bit is set, then the flag bit is set and
an interrupt can be generated whenever the source state bit is set.
● Enable (EN): Each interrupt source has a dynamic read/write enable bit. When the enable bit is set, the associated
flag bit is set and an interrupt can be generated whenever the source state bit is set.
● Clear (CLR): Each interrupt source has a dynamic write-only clear bit. Writing a 1 to a clear bit resets the associated
state and flag bits to 0. Writing a 0 to a clear bit has no effect. In I2C control mode, the IRQ output is deasserted if all
flag bits are 0.
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
www.maximintegrated.com
Maxim Integrated | 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com