Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 92 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 92 Page - Analog Devices

Back Button MAX98396 Datasheet HTML 88Page - Analog Devices MAX98396 Datasheet HTML 89Page - Analog Devices MAX98396 Datasheet HTML 90Page - Analog Devices MAX98396 Datasheet HTML 91Page - Analog Devices MAX98396 Datasheet HTML 92Page - Analog Devices MAX98396 Datasheet HTML 93Page - Analog Devices MAX98396 Datasheet HTML 94Page - Analog Devices MAX98396 Datasheet HTML 95Page - Analog Devices MAX98396 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 172 page
background image
ADDRESS
NAME
MSB
LSB
0x20B3
Meas ADC Thermal
Config[7:0]
–
–
–
MEAS_A
DC_TEM
P_FILT_
EN
MEAS_ADC_TEMP_FILT_COEFF[3:0]
0x20B4
Meas ADC Readback
Control 1[7:0]
–
–
–
–
–
MEAS_A
DC_THE
RM_RD_
MODE
MEAS_A
DC_VBA
T_RD_M
ODE
MEAS_A
DC_PVD
D_RD_M
ODE
0x20B5
Meas ADC Readback
Control 2[7:0]
–
–
–
–
–
MEAS_A
DC_THE
RM_RD_
UPD
MEAS_A
DC_VBA
T_RD_U
PD
MEAS_A
DC_PVD
D_RD_U
PD
0x20B6
Meas ADC PVDD
Readback MSB[7:0]
MEAS_ADC_PVDD_DATA[8:1]
0x20B7
Meas ADC PVDD
Readback LSB[7:0]
–
–
–
–
–
–
–
MEAS_A
DC_PVD
D_DATA
[0]
0x20B8
Meas ADC VBAT
Readback MSB[7:0]
MEAS_ADC_VBAT_DATA[8:1]
0x20B9
Meas ADC VBAT
Readback LSB[7:0]
–
–
–
–
–
–
–
MEAS_A
DC_VBA
T_DATA[
0]
0x20BA
Meas ADC Temp
Readback MSB[7:0]
MEAS_ADC_THERM_DATA[8:1]
0x20BB
Meas ADC Temp
Readback LSB[7:0]
–
–
–
–
–
–
–
MEAS_A
DC_THE
RM_DAT
A[0]
0x20BC
Meas ADC Lowest
PVDD Readback
MSB[7:0]
LOWEST_PVDD_DATA[8:1]
0x20BD
Meas ADC Lowest
PVDD Readback
LSB[7:0]
–
–
–
–
–
–
–
LOWES
T_PVDD
_DATA[0
]
0x20BE
Meas ADC Lowest
VBAT Readback
MSB[7:0]
LOWEST_VBAT_DATA[8:1]
0x20BF
Meas ADC Lowest
VBAT Readback
LSB[7:0]
–
–
–
–
–
–
–
LOWES
T_VBAT
_DATA[0
]
0x20C7
Meas ADC Config[7:0]
–
–
–
–
–
–
MEAS_A
DC_VBA
T_EN
MEAS_A
DC_PVD
D_EN
Dynamic Headroom Tracking
0x20D0
DHT Configuration
1[7:0]
–
–
–
–
DHT_VROT_PNT[3:0]
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
www.maximintegrated.com
Maxim Integrated | 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com