Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 1 Page - Analog Devices

  MAX98396 Datasheet HTML 1Page - Analog Devices MAX98396 Datasheet HTML 2Page - Analog Devices MAX98396 Datasheet HTML 3Page - Analog Devices MAX98396 Datasheet HTML 4Page - Analog Devices MAX98396 Datasheet HTML 5Page - Analog Devices MAX98396 Datasheet HTML 6Page - Analog Devices MAX98396 Datasheet HTML 7Page - Analog Devices MAX98396 Datasheet HTML 8Page - Analog Devices MAX98396 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 172 page
background image
General Description
The MAX98396 is a high-efficiency, mono Class-DG
speaker amplifier with industry-leading quiescent power
featuring I/V sense, brownout-prevention engine (BPE),
and dynamic-headroom tracking (DHT). The IC enables
ultrasound applications by providing support for sample
rates up to 192kHz, a higher passband (for fs > 50kHz),
and a bypass path for the ultrasound signals through the
amplifier so it is not attenuated by the audio processing.
Precision output current and voltage monitoring (I/V
sense) enables the host device to run speaker protection
algorithms. Spread-spectrum modulation (SSM) and edge
rate control minimize EMI and eliminate the need for the
output filtering found in traditional Class-D devices.
To achieve industry-leading quiescent power, the Class-
DG amplifier employs two supply rails VBAT (3V to 5.5V)
and PVDD (3V to 20V) to supply the speaker amplifier.
The Class-DG amplifier switches between the two supply
rails depending on the input signal level and/or the supply
headroom. The brownout-prevention engine in the device
allows it to reduce its contribution to the overall system
power consumption by either attenuating or limiting the
amplifier output when the device supply drops below a set
of programmable thresholds. Additionally, as the power
supply voltage varies due to sudden transients and declin-
ing battery life, DHT automatically optimizes the headroom
available to the Class-DG amplifier to maintain consistent
distortion and listening levels.
The device provides a PCM interface for audio data and
a standard I2C interface for control data communication.
The PCM interface supports audio playback using I2S,
left-justified, and TDM audio data formats. A unique clock-
ing structure eliminates the need for an external master
clock for PCM communication, which reduces pin count
and simplifies board layout. Enabling thermal foldback au-
tomatically reduces the output power when the tempera-
ture exceeds a user specified threshold. This allows for
uninterrupted music playback even at high ambient tem-
peratures. Traditional thermal protection is also available
in addition to robust overcurrent protection.
The device is available in a 0.4mm pitch, 35-bump wafer-
level package (WLP). The device operates over the ex-
tended -40°C to +85°C temperature range.
Applications
• Mobile Speakers • Smart Speakers • Smart IoT • Tablets
• Notebook Computers • Soundbars
Benefits and Features
● Wide Input Supply Range (3.0V to 20V)
● Class-DG Operation Enables Industry-Leading
Quiescent Power
• 12.7mW at VPVDD = 12V , VVBAT = 3.8V
• 18mW at VPVDD = 19V, VVBAT = 5.0V
● Ultra-Low Noise Floor
• 15.5μVRMS Output Noise
• 118dB Dynamic Range
● Low Distortion
• -82dB THD+N at 1W into 8Ω, f = 1kHz
• -76dB THD+N at 1W into 8Ω, f = 6kHz
● Output Power at 1% THD+N:
• 20W into 8Ω, VPVDD = 19V
• 19W into 4Ω, VPVDD = 14V
● 60W Peak Output Power into 4Ω, VPVDD = 19V
● Speaker Amplifier Efficiency:
• 87% at 1W into 8Ω, VPVDD = 12V, VVBAT = 3.8V
• 83% at 1W into 4Ω, VPVDD = 12V, VVBAT = 3.8V
• 83% at 1W into 8Ω, VPVDD = 19V, VVBAT = 5.0V
• 91% at 20W into 8Ω, VPVDD = 19V, VVBAT = 5.0V
● Class-D EMI Reduction Enables Filterless Operation
● Spread-Spectrum Modulation
● Switching-Edge Rate Control
● Integrated Speaker Current and Voltage Sense do not
Require External Components
● Flexible Brownout-Prevention Engine
● I2S/16-Channel TDM and I2C Digital Interfaces
● Playback Support for 16-, 24-, and 32-Bit Data Words
● Playback and I/V Sense Support Sample Rates up to
192kHz
● Audio Processing Bypass Path
● Dynamic-Headroom Tracking Maintains a Consistent
Listening Experience
● Extensive Click-and-Pop Suppression
● 35-Bump, WLP (0.4mm Pitch)
Ordering Information appears at end of data sheet.
SMBus is a trademark of Intel Corp.
Click here to ask about the production status of specific part numbers.
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
EVALUATION KIT AVAILABLE
19-101016; Rev 1; 4/21


Similar Part No. - MAX98396

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98396 MAXIM-MAX98396 Datasheet
1Mb / 17P
Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
MAX98396EVSYS MAXIM-MAX98396EVSYS Datasheet
1Mb / 17P
Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
MAX98396EVSYS# MAXIM-MAX98396EVSYS# Datasheet
1Mb / 17P
Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
More results

Similar Description - MAX98396

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98372 MAXIM-MAX98372 Datasheet
2Mb / 91P
Digital Input Class D Amplifier with DHT and Brownout Protection
Rev 1; 1/16
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Maxim Integrated Produc...
MAX98372 MAXIM-MAX98372_V01 Datasheet
3Mb / 100P
Digital Input Class D Amplifier with DHT and Brownout Protection
19-7734; Rev 4; 3/20
logo
Texas Instruments
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
logo
Analog Devices
MAX98388 AD-MAX98388 Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
MAX98397 AD-MAX98397 Datasheet
4Mb / 170P
28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention
19-101757; Rev 0; 10/23
logo
Texas Instruments
TAS2572 TI1-TAS2572 Datasheet
335Kb / 6P
TAS2572 6.6 W Digital Input smart amp with I/V sense and integrated 13 V Class-H Boost
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com