Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX98396 Datasheet HTML 82Page - Analog Devices MAX98396 Datasheet HTML 83Page - Analog Devices MAX98396 Datasheet HTML 84Page - Analog Devices MAX98396 Datasheet HTML 85Page - Analog Devices MAX98396 Datasheet HTML 86Page - Analog Devices MAX98396 Datasheet HTML 87Page - Analog Devices MAX98396 Datasheet HTML 88Page - Analog Devices MAX98396 Datasheet HTML 89Page - Analog Devices MAX98396 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 172 page
background image
Table 11. Control Bit Types and Write Access Restrictions (continued)
Read
Read
Only
—
—
—
Write
or Read/
Write
Dynamic
—
—
—
Restricted
Device in Software Shutdown
EN = 0
EN
Write Access Locked Out by Hardware Unless the Device in Software
Shutdown
EN = 0
ENL
Speaker Amplifier Output and Feedback Disabled
SPK_EN = 0 and
SPK_FB_EN = 0
SPK
Voltage and Current Sense ADCs Disabled
IVADC_V_EN = 0
and
IVADC_I_EN = 0
IVS
Thermal Foldback Disabled
THERMFB_EN = 0
TFB
Noise Gate Disabled
NOISEGATE_EN =
0
NG
Dynamic-Headroom Tracking Disabled
DHT_EN = 0
DHT
Brownout-Prevention Engine Disabled
BPE_EN = 0
BPE
PCM Interface Data Input and Output Disabled
PCM_RX_EN = 0
and
PCM_TX_EN = 0
PCM
PCM Data Output Disabled
PCM_TX_EN = 0
TXEN
IRQ Bus Output Disabled
IRQ_EN = 0
IRQ
Interchip Communication (ICC) Interface Disabled
ICC_LINK_EN = 0
and
ICC_TX_EN = 0
ICC
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
www.maximintegrated.com
Maxim Integrated | 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com