Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX98396 Datasheet HTML 48Page - Analog Devices MAX98396 Datasheet HTML 49Page - Analog Devices MAX98396 Datasheet HTML 50Page - Analog Devices MAX98396 Datasheet HTML 51Page - Analog Devices MAX98396 Datasheet HTML 52Page - Analog Devices MAX98396 Datasheet HTML 53Page - Analog Devices MAX98396 Datasheet HTML 54Page - Analog Devices MAX98396 Datasheet HTML 55Page - Analog Devices MAX98396 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 172 page
background image
Speaker Path
Speaker Path Block Diagram
SPEAKER DSP FEEDBACK PATH
DITHER
INVERT
DC BLOCK
FILTER
DIGITAL
GAIN
CONTROL
DAC
CLASS-DG
AMP
ANALOG
GAIN
PCM
INTERFACE
DIGITAL
VOLUME
CONTROL
THERMAL
FOLDBACK
ATTENUATION
DYNAMIC
HEADROOM
TRACKING
NOISE
GATE
FUNCTION
DIGITAL
FILTERS
BPE
DHT & BPE
ATTENUATION
FULL-SCALE GAIN /
DRE CONTROL
ATTENUATION
CORRECTION
DIGITAL
FILTERS
SPEAKER AUDIO PROCESSING BYPASS PATH
DITHER
INVERT
DC BLOCK
FILTER
+
TONE
GENERATOR
PINK NOISE
GENERATOR
Figure 10. Speaker Signal Path Diagram
Speaker Playback Path
The source input data to the speaker amplifier path is routed from either the PCM interface or the tone generator. The
data is then routed through digital filters, signal processing, and volume/gain control blocks before reaching the Class-DG
speaker amplifier.
Speaker Path Noise Gate
The speaker path noise gate function is enabled when the device is in the active state and the noise gate enable
(NOISEGATE_EN) is set to 1. The noise gate enable can be programmed dynamically. However, if the noise gate
function is disabled (NOISEGATE_EN is set to 0) while the noise gate is active (speaker path actively muted), the noise
gate function remains active until after it deactivates normally (unmutes the speaker path).
When the noise gate is enabled, the noise gate activates whenever the amplitude of the input audio data to the speaker
path (from the PCM interface) is below the configured mute threshold (MUTE_THRESH) for more than 1024 consecutive
data samples. When the noise gate is active, the amplifier path is muted, the current and voltage sense ADC paths output
zero code data, and the device idles in a reduced power state.
The noise gate deactivates immediately if the amplitude of a single sample from the input audio data exceeds the
configured unmute threshold (UNMUTE_THRESH). When the noise gate deactivates, the speaker path is unmuted
and returns to normal operation before the input audio data (that triggered deactivation) reaches the speaker output.
Once noise gate deactivation is complete, the current and voltage sense ADC paths resume operation and output data
normally.
The noise gate mute and unmute threshold settings are selected in terms of the number of bits (starting from the
LSB) that must be toggling (or active) in order for the input signal amplitude to exceed the thresholds. It is invalid
to set the noise gate unmute threshold (UNMUTE_THRESH) such that it is less than the configured mute threshold
(MUTE_THRESH). The location of the audio data LSB within the PCM input data channel is determined by the configured
PCM data word size (PCM_CHANSZ). The supported combinations are shown in Table 8.
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
www.maximintegrated.com
Maxim Integrated | 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com