Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX98396 Datasheet HTML 8Page - Analog Devices MAX98396 Datasheet HTML 9Page - Analog Devices MAX98396 Datasheet HTML 10Page - Analog Devices MAX98396 Datasheet HTML 11Page - Analog Devices MAX98396 Datasheet HTML 12Page - Analog Devices MAX98396 Datasheet HTML 13Page - Analog Devices MAX98396 Datasheet HTML 14Page - Analog Devices MAX98396 Datasheet HTML 15Page - Analog Devices MAX98396 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 172 page
background image
Electrical Characteristics (continued)
(VVBAT = 5.0V, VPVDD = 19V, VAVDD = 1.8V, VDVDD = 1.2V, VDVDDIO = RESET = 1.2V, CVBAT = 1x10µF, 1x0.1µF, CPVDD
= 1x220µF, 2x10µF, 2x0.1µF, CAVDD = 1µF, CDVDD = 1µF, CDVDDIO = 0.1µF, CVREFC = 1µF, ZSPK = Open, fs = 48kHz, AC
Measurement Bandwidth = 20Hz to 22kHz, SPK_GAIN_MAX = 0xF (19dB), Data Width = 24-bit, DG Mode, TA = TMIN to TMAX unless
otherwise noted, Typical values are at TA = +25°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER CONSUMPTION / QUIESCENT POWER CONSUMPTION
Total Power
Consumption
PQ
All supplies, IV
sense enabled
VPVDD = 12V,
VVBAT = 3.8V, DG
mode
16.5
25
mW
VPVDD = 19V,
VVBAT = 5.0V, DG
mode (Note 3)
22.3
30
All supplies, IV
sense disabled
VPVDD = 12V,
VVBAT = 3.8V, DG
mode
12.7
VPVDD = 19V,
VVBAT = 5.0V, DG
mode
18
Total Power
Consumption
PQ
All supplies, IV
sense disabled
VPVDD = 12V,
VVBAT = 3.8V, DG
mode, noise gate
enabled
1.7
mW
VPVDD = 19V,
VVBAT = 5.0V, DG
mode, noise gate
enabled
1.9
POWER CONSUMPTION / SOFTWARE SHUTDOWN
VBAT Software
Shutdown Supply
Current
ISHDN_SW_VB
AT
VBAT = 3.8V, No BCLK/LRCLK/DIN
transactions, TA = +25°C
0.3
5
µA
VBAT = 3.8V, No BCLK/LRCLK/DIN
transactions, TA = +85°C (Note 3)
15
VBAT = 5.0V, No BCLK/LRCLK/DIN
transactions, TA = +25°C
0.4
5
VBAT = 5.0V, No BCLK/LRCLK/DIN
transactions, TA = +85°C (Note 3)
15
PVDD Software
Shutdown Supply
Current
ISHDN_SW_PV
DD
PVDD = 5.0V, No BCLK/LRCLK/DIN
transactions, TA = +25°C
0.25
5
µA
PVDD = 5.0V, No BCLK/LRCLK/DIN
transactions, TA = +85°C (Note 3)
15
PVDD = 12V, No BCLK/LRCLK/DIN
transactions, TA = +25°C
1
5
PVDD = 12V, No BCLK/LRCLK/DIN
transactions, TA = +85°C (Note 3)
15
PVDD = 19V, No BCLK/LRCLK/DIN
transactions, TA = +25°C
1.7
5
PVDD = 19V, No BCLK/LRCLK/DIN
transactions, TA = +85°C (Note 3)
15
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
www.maximintegrated.com
Maxim Integrated | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com