Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 72 Page - Analog Devices

Part # MAX98396
Description  20V Digital Input Class-DG Amplifier with I/V Sense and Brownout Prevention
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98396 Datasheet(HTML) 72 Page - Analog Devices

Back Button MAX98396 Datasheet HTML 68Page - Analog Devices MAX98396 Datasheet HTML 69Page - Analog Devices MAX98396 Datasheet HTML 70Page - Analog Devices MAX98396 Datasheet HTML 71Page - Analog Devices MAX98396 Datasheet HTML 72Page - Analog Devices MAX98396 Datasheet HTML 73Page - Analog Devices MAX98396 Datasheet HTML 74Page - Analog Devices MAX98396 Datasheet HTML 75Page - Analog Devices MAX98396 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 172 page
background image
high. However, the BPE must not be disabled when it is active (in critical supply levels 0 through 3). The BPE can be
disabled safely at any time that it is inactive. The input to the BPE controller is selected using the BPE_SRC_SEL bit.
By default, the input to the BPE controller is the measurement ADC PVDD channel. If the selected measurement ADC
channel is not already active, enabling the BPE will automatically enables it. The sample rate and filter settings for the
measurement ADC determine the speed at which the BPE updates.
SPEAKER PLAYBACK DATA PATH
BPE
CONTROLLER
LIMITER
GAIN
REDUCTION
PVDD SUPPLY
VBAT SUPPLY
MEAS
ADC
BPE_SRC_SEL
Figure 27. BPE Block Diagram
BPE State Controller and Level Thresholds
There are a total of four BPE critical supply levels, each with individually programmable thresholds. The thresholds for
each level are configured with the BPE_L0_VTHRESH to BPE_L3_VTHRESH bit fields respectively. The BPE state
controller monitors the measurement ADC channel results and automatically makes state changes.
Table 9. Brownout-Prevention Engine Levels
THRESHOLD NAME
CONDITION
BPE Inactive
VSUPPLY > Critical Supply Level 3
Critical Supply Level 3
Critical Supply 3 ≥ VSUPPLY > Critical Supply Level 2 + Hysteresis
Critical Supply Level 2
Critical Supply Level 2 ≥ VSUPPLY > Critical Supply Level 1 + Hysteresis
Critical Supply Level 1
Critical Supply Level 1 ≥ VSUPPLY > Critical Supply Level 0 + Hysteresis
Critical Supply Level 0
VSUPPLY ≤ Critical Supply Level 0
The brownout engine supports hysteresis on the levels. This behaves as follows:
● When in level N, transition to level N + 1 when VSUPPLY stays above (level N threshold) + (hysteresis)
● When in level N, transition to level N - 1 when VSUPPLY falls below level N threshold
The amount of hysteresis is defined by the BPE_VTHRESH_HYST register. The hysteresis is only applied to the
thresholds when supply voltage is increasing. The amount of hysteresis can be defined as larger than the distance
between two levels.
Thresholds must be configured so that the level N threshold is greater than the sum of the level N - 1 threshold and the
hysteresis. For example, if the level 2 threshold is set to 3.15V and hysteresis is set to 25mV, then the level 3 threshold
must be set to 3.1875V or higher.
The current level that the BPE is in can be read-back using the BPE_STATE register. The BPE_LOWEST register
contains the lowest BPE level that the controller has visited since the last time the BPE_LOWEST register was read.
MAX98396
20V Digital Input Class-DG Amplifier with I/V
Sense and Brownout Prevention
www.maximintegrated.com
Maxim Integrated | 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com