Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610ECPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL21610ECPZ
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610ECPZ Datasheet(HTML) 4 Page - Analog Devices

  ADPL21610ECPZ Datasheet HTML 1Page - Analog Devices ADPL21610ECPZ Datasheet HTML 2Page - Analog Devices ADPL21610ECPZ Datasheet HTML 3Page - Analog Devices ADPL21610ECPZ Datasheet HTML 4Page - Analog Devices ADPL21610ECPZ Datasheet HTML 5Page - Analog Devices ADPL21610ECPZ Datasheet HTML 6Page - Analog Devices ADPL21610ECPZ Datasheet HTML 7Page - Analog Devices ADPL21610ECPZ Datasheet HTML 8Page - Analog Devices ADPL21610ECPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Analog Devices │ 4
www.analog.com
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
1.50
1.75
2.00
2.25
1.00
0.75
1.25
0.50
0.25
2.50
VSS (mV)
0
50
100 150 200 250 300 350
450
400
500
0
1.2
1.4
1.6
1.8
1.0
0.8
0.6
0.4
0.2
2.0
TA = 25°C
SW CURRENT 200mA/DIV
VCESAT
100mV/DIV
TA = +85°C
TA = +25°C
TA = –40°C
VSS (mV)
0
50
100 150 200 250 300 350
450
400
500
0
2
3
4
5
1
6
TA = 25°C
Typical Performance Characteristics
Figure 3. FB Pin Voltage vs. Temperature
Figure 5. Switch Saturation Voltage vs. Switch Current
Figure 7. Soft-Start Current vs. Soft-Start Voltage
Figure 4. SHDN Current vs. SHDN Voltage
Figure 6. Oscillator Frequency vs. Temperature
Figure 8. Peak Switch Current vs. Soft-Start Voltage
TEMPERATURE (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
1.20
1.22
1.23
1.24
1.25
1.21
1.26
VSHDN (V)
0
2
4
6
8
10
12
14
16
18
0
60
80
100
120
40
20
140
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com