Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610ECPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL21610ECPZ
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610ECPZ Datasheet(HTML) 1 Page - Analog Devices

  ADPL21610ECPZ Datasheet HTML 1Page - Analog Devices ADPL21610ECPZ Datasheet HTML 2Page - Analog Devices ADPL21610ECPZ Datasheet HTML 3Page - Analog Devices ADPL21610ECPZ Datasheet HTML 4Page - Analog Devices ADPL21610ECPZ Datasheet HTML 5Page - Analog Devices ADPL21610ECPZ Datasheet HTML 6Page - Analog Devices ADPL21610ECPZ Datasheet HTML 7Page - Analog Devices ADPL21610ECPZ Datasheet HTML 8Page - Analog Devices ADPL21610ECPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ordering Information appears at end of data sheet.
Features
●
1.3MHz Switching Frequency
●
Low VCESAT Switch: 330mV at 1.1A
●
High Output Voltage: Up to 40V
●
Wide Input Range: 2.7V to 16V
●
Dedicated Soft-Start Pin
● Uses Small Surface Mount Components
● Low Shutdown Current: <1µA
● Low Profile (1mm) ThinSOT™ Package
● Low Profile (0.75mm) 8-Lead (3mm × 2mm) Dual
Flat No Lead (DFN) Package
Applications
● Digital Cameras
● White LED Power Supplies
● Cellular Phones
● Medical Diagnostic Equipment
● Local 5V or 12V Supplies
● Thin Film Transistor (TFT)- Liquid Crystal Display
(LCD) Bias Supplies
● x Digital Subscriber Line (xDSL) Power Supplies
Description
The
ADPL21610 switching regulators combine a 42V,
1.1A switch with a soft-start function. The ADPL21610
switches at 1.3MHz, allowing the use of tiny, low-cost and
low-height inductors and capacitors. High inrush current
at start-up is eliminated using the programmable soft-start
function. A single external capacitor sets the current ramp
rate. A constant-frequency current mode pulse-width
modulator (PWM) architecture results in low, predictable
output noise that is easy to filter.
The high-voltage switch on the ADPL21610 is rated
at 42V, making the devices ideal for boost converters
up to 40V, as well as SEPIC and flyback designs. The
ADPL21610 is available in a low-profile (1mm) 6-lead
Small outline transistor (SOT)-23 package and tiny 3mm
× 2mm DFN package.
Figure 1. Lithium-Ion to 6V Step-Up DC/DC Converter
Figure 2. Efficiency vs. Load Current
Rev 0; 1/26
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
ADPL21610
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2026 Analog Devices, Inc. All rights reserved.
© 2026 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Typical Application
IOUT (mA)
50 100
200
300
400
500
600
700
50
70
65
60
55
75
80
85
90
95
VIN = 4.2V
VIN = 3.3V
VIN = 2.7V
GND
VIN
SW
SHDN
SHDN
FB
VIN
2.7V TO 4.2V
D1
L1
2.2μH
R1
501kΩ
ADPL21610
C2
15µF
C3
1.8pF
C1
2.2µF
R2
133kΩ
VOUT
6V
275mA AT VIN = 2.7V
490mA AT VIN = 3.8V
590mA AT VIN = 4.2V
C1, C2: X5R OR X7R, 6.3V
D1: ON SEMICONDUCTOR MBRM120
L1: SUMIDA CR43-2R2
SS
C4
0.047µF


Similar Part No. - ADPL21610ECPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL21210 AD-ADPL21210 Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ AD-ADPL21210ECPZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210ECPZ-RL AD-ADPL21210ECPZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ AD-ADPL21210EUJZ Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
ADPL21210EUJZ-RL AD-ADPL21210EUJZ-RL Datasheet
1Mb / 15P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Rev 0 1/26
More results

Similar Description - ADPL21610ECPZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
Step-up PWM DC/DC Converter Integrated with 5 Buffers
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
1.1A Step-Up DC/DC Converter with
logo
Linear Technology
LTC3105 LINER-LTC3105_15 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com