Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610ECPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL21610ECPZ
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610ECPZ Datasheet(HTML) 5 Page - Analog Devices

  ADPL21610ECPZ Datasheet HTML 1Page - Analog Devices ADPL21610ECPZ Datasheet HTML 2Page - Analog Devices ADPL21610ECPZ Datasheet HTML 3Page - Analog Devices ADPL21610ECPZ Datasheet HTML 4Page - Analog Devices ADPL21610ECPZ Datasheet HTML 5Page - Analog Devices ADPL21610ECPZ Datasheet HTML 6Page - Analog Devices ADPL21610ECPZ Datasheet HTML 7Page - Analog Devices ADPL21610ECPZ Datasheet HTML 8Page - Analog Devices ADPL21610ECPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.analog.com
Analog Devices │ 5
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Pin Configurations
Pin Description
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 80°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
5
6
7
8
4
3
2
1
FB
GND
SW
SW
SHDN
SS
VIN
GND
6 VIN
5 SS
4 SHDN
SW 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 165°C/W, θJC = 102°C/W
GND 2
FB 3
Figure 9. Pin Configurations
PIN
NAME
FUNCTION
DFN
TSOT
1
3
FB
Feedback Pin. Reference voltage is 1.255V.
Connect the resistive divider tap here. Minimize the trace area at FB.
Set VOUT = 1.255V(1 + R1/R2).
2, 5, 9
2
GND
Ground. Tie directly to the local ground plane.
3, 4
1
SW
Switch Pin. (Collector of internal Negative-positive-negative (NPN) power switch).
Connect the inductor/diode here and minimize the metal trace area connected to
this pin to minimize Electromagnetic interference (EMI).
6
6
VIN
Input Supply Pin. Must be locally bypassed.
7
5
SS
Soft-Start Pin. Place a soft-start capacitor here. Upon start-up, 4μA of current
charges the capacitor to 1.255V. Use a larger capacitor for a slower start-up.
Leave floating if not in use.
8
4
SHDN
Shutdown Pin. Tie to 2.4V or more to enable the device. Ground to shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com