Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610ECPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADPL21610ECPZ
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610ECPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPL21610ECPZ Datasheet HTML 6Page - Analog Devices ADPL21610ECPZ Datasheet HTML 7Page - Analog Devices ADPL21610ECPZ Datasheet HTML 8Page - Analog Devices ADPL21610ECPZ Datasheet HTML 9Page - Analog Devices ADPL21610ECPZ Datasheet HTML 10Page - Analog Devices ADPL21610ECPZ Datasheet HTML 11Page - Analog Devices ADPL21610ECPZ Datasheet HTML 12Page - Analog Devices ADPL21610ECPZ Datasheet HTML 13Page - Analog Devices ADPL21610ECPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.analog.com
Analog Devices │ 10
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Typical Application
Figure 14. 4-Cell to 5V SEPIC Converter
Figure 15. ±15V Dual Output Converter with Output Disconnect
GND
VIN
SW
SHDN
FB
4V TO 6.5V
D1
L1
10µH
L2
10µH
255kΩ
ADPL21610
C1
2.2µF
C4
0.047µF
4-CELL
BATTERY
C2
10µF
C3
1µF
84.5kΩ
VOUT
5V
325mA AT VIN = 4V
400mA AT VIN = 5V
450mA AT VIN = 6.5V
C1, C3: X5R or X7R, 10V
C2: X5R or X7R, 6.3V
SHDN
SS
C5
4.7pF
D1: PHILIPS PMEG 2010
L1, L2: MURATA LQH32CN100K33L
GND
VIN
SW
SS
FB
VIN
5V
D1
C4
1µF
D2
L1
10µH
R1
147kΩ
C5
1µF
C6
0.047µF
ADPL21610
D3
D4
C2
2.2µF
C3
2.2µF
C1
2.2µF
R3
1Ω
R2
13.3kΩ
–15V
100mA
15V
100mA
C1: X5R or X7R, 6.3V
C2 TO C5: X5R or X7R, 16V
D1 TO D4: PHILIPS PMEG 2005
L1: SUMIDA CR43-100
SHDN
OFF ON
R4
1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com