Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610ECPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL21610ECPZ
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610ECPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL21610ECPZ Datasheet HTML 5Page - Analog Devices ADPL21610ECPZ Datasheet HTML 6Page - Analog Devices ADPL21610ECPZ Datasheet HTML 7Page - Analog Devices ADPL21610ECPZ Datasheet HTML 8Page - Analog Devices ADPL21610ECPZ Datasheet HTML 9Page - Analog Devices ADPL21610ECPZ Datasheet HTML 10Page - Analog Devices ADPL21610ECPZ Datasheet HTML 11Page - Analog Devices ADPL21610ECPZ Datasheet HTML 12Page - Analog Devices ADPL21610ECPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Compensation—Theory
Like all other current-mode switching regulators, the
ADPL21610 needs to be compensated for stable and
efficient operation. Two feedback loops are used in
the ADPL21610: a fast current loop, which does not
require compensation, and a slower voltage loop,
which does. Standard Bode plot analysis can be used
to understand and adjust the voltage feedback loop.
As with any feedback loop, identifying the gain and
phase contribution of the various elements in the loop
is critical. Figure 12 shows the key equivalent ele-
ments of a boost converter. Because of the fast current
control loop, the power stage of the IC, inductor and
diode have been replaced by the equivalent transcon-
ductance amplifier gmp. gmp acts as a current source
where the output current is proportional to the VC volt-
age. Note that the maximum output current of the gmp
is finite due to the current limit in the IC.
From Figure 12, the DC gain, poles and zeroes can be
calculated as follows:
Output Pole: P1 =
2
2 x � x RL x COUT
Error Amp Pole: P2 =
1
2 x � x R0 x CC
Error Amp Zero: Z1 =
1
2 x � x RC x CC
x VIN x gma x R0 x gmp x RL x
ESR Zero: Z2 =
1
2 x � x RESR x COUT
1
2 x � x R1 x CPL
RHP Zero: Z3 =
VIN2 x RL
2 x � x VOUT2 x L
Phase Lead Zero: Z4 =
1
2 x � x CPL x
Phase Lead Pole: P4 =
DC GAIN: A = 1.255
VOUT2
1
2
R1 x R2
R1 + R2
P3 >
High Frequency Pole:
fS
3
The current mode zero is a right-half plane zero, which
can be an issue in feedback control design, but is
manageable with proper external component selection.
www.analog.com
Analog Devices │ 9
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Figure 12. Boost Converter Equivalent Model
–
+
gma
RC
RO
R2
CC: COMPENSATION CAPACITOR
COUT: OUTPUT CAPACITOR
CPL: PHASE LEAD CAPACITOR
gma: TRANSCONDUCTANCE AMPLIFIER INSIDE IC
gmp: POWER STAGE TRANSCONDUCTANCE AMPLIFIER
RC: COMPENSATION RESISTOR
RL: OUTPUT RESISTANCE DEFINED AS VOUT DIVIDED BY ILOAD(MAX)
RO: OUTPUT RESISTANCE OF gma
R1, R2: FEEDBACK RESISTOR DIVIDER NETWORK
RESR: OUTPUT CAPACITOR ESR
R1
COUT
CPL
RL
RESR
VOUT
VC
CC
gmp
1.255V
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com