Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 39 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 39 Page - Analog Devices

Back Button LT8060X Datasheet HTML 35Page - Analog Devices LT8060X Datasheet HTML 36Page - Analog Devices LT8060X Datasheet HTML 37Page - Analog Devices LT8060X Datasheet HTML 38Page - Analog Devices LT8060X Datasheet HTML 39Page - Analog Devices LT8060X Datasheet HTML 40Page - Analog Devices LT8060X Datasheet HTML 41Page - Analog Devices LT8060X Datasheet HTML 42Page - Analog Devices LT8060X Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
39 of 52
Overcurrent Protection (OCP)/Hiccup Mode
The LT8060x and LT8060xHV provide a robust overcurrent protection (OCP) scheme that protects the device under
overload and output short-circuit conditions. The OCP scheme protects the device using a hysteretic control of the
inductor current that avoids the inductor current runaway condition. In hysteretic control, whenever the inductor
peak current exceeds an internal peak current limit (IPEAK-LIMIT) of 4.81A for LT80602 and LT80602HV, 5.5A for LT80603
and LT80603HV, or 6.3A for LT80603A and LT80603AHV, the high-side MOSFET is turned off, and the low-side MOSFET
is turned on. When the inductor current reduces to 3.9A, the low-side MOSFET is turned off, and the high-side MOSFET
is turned on. In addition, if the FB node voltage drops below 91.5% (VFB-UV) and the inductor current is above 3.9A for
more than 300ns in each switching cycle after the high side is turned off for 20ms, hiccup mode is activated. This
scenario occurs for LT80603A when the part is operated at rated load during dropout conditions, with the FB node
voltage below VFB-UV.
In hiccup mode, the converter is protected by suspending switching for a hiccup timeout period of 130ms. Once the
hiccup timeout period expires, a soft-start is attempted again. Note that when soft start is attempted under overload
conditions, if the device operates in current limit, the blanking timer is enabled during soft start. The hiccup mode
of operation ensures low power dissipation under output short-circuit conditions.
The device provides a valley current protection scheme that protects itself in FCM mode from large negative currents.
Under strong external output bias conditions, when the inductor valley current falls below -2.5A (IVALLEY-LIMIT), the
device turns off low-side and turns ON high-side until the inductor current reaches zero. Low-side is turned ON again
if the output voltage is taken above regulation voltage.
Reversed Input Protection
Reversed Input Protection is found in systems where the inputs to the LT8060x and LT8060xHV are absent, and the
output is held high. For example, in battery-charging applications or in battery-backup systems where a battery or
another supply is diode-ORed with the LT8060x and LT8060xHV’s outputs. If the VIN pin is allowed to float and the EN
pin is held high (either by a logic signal or because it is tied to VIN), then the LT8060x and LT8060xHV’s internal circuitry
pulls its quiescent current through its SW pin. This is acceptable if the system can tolerate several µA in this state. If
the EN pin is grounded, the SW pin current drops to near 1µA. However, if the VIN pin is grounded while the output is
held high, regardless of EN, parasitic body diodes within the LT8060x and LT8060xHV can pull current from the output
through the SW and VIN pins, potentially damaging the device. Figure 78 shows a connection between the VIN and
EN/UV pins that allows the LT8060x and LT8060xHV to run only when the input voltage is present and protects against
a shorted or reversed input.
Figure 78. Reverse VIN Protection
In FCM, when diode D1 is used, always ensure that the external applied voltage to the output is less than the
regulation set point voltage. Sinking current from the output may result in overvoltage at the input pin and leads to
device failure.
VIN
VIN
EN/UV
GND
LT8060x
LT8060xHV
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com