Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 42 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 42 Page - Analog Devices

Back Button LT8060X Datasheet HTML 38Page - Analog Devices LT8060X Datasheet HTML 39Page - Analog Devices LT8060X Datasheet HTML 40Page - Analog Devices LT8060X Datasheet HTML 41Page - Analog Devices LT8060X Datasheet HTML 42Page - Analog Devices LT8060X Datasheet HTML 43Page - Analog Devices LT8060X Datasheet HTML 44Page - Analog Devices LT8060X Datasheet HTML 45Page - Analog Devices LT8060X Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
42 of 52
Typical Application Circuit 12V/3.5A Output
Figure 83. 12V/3.5A Output with 2.1MHz Switching Frequency
Figure 84. 12V/3.5A Output with 400kHz Switching Frequency
LT80603
LT80603HV
fSW = 2.1MHz
PG/TJ
GND1
RT
SW
8.2nF
FB/VOS
VOUT
12V, 3.5A
VIN
1MΩ
BST
TR/SS
GND
SYNC/MODE
BIAS/VOUT
VIN1
GND2
VIN2
INTVCC
2.2µF
0.1µF
0.22µF 4.7µH
4.7µF
0.1µF
71.5kΩ
4.7pF
22µF
LOUT: XGL5050-472ME
EN/UV
EP
8.66kΩ
LT80603
LT80603HV
PG/TJ
GND1
RT
SW
8.2nF
FB/VOS
VOUT
12V, 3.5A
VIN
1MΩ
BST
TR/SS
GND
SYNC/MODE
BIAS/VOUT
VIN1
GND2
VIN2
INTVCC
2.2µF
0.1µF
1µF
22µH
2 × 4.7µF
0.1µF
71.5kΩ
5.6pF
2 × 22µF
EN/UV
EP
fSW = 400kHz
LOUT: XGL6060-223MEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com