Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 24 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8060X Datasheet HTML 20Page - Analog Devices LT8060X Datasheet HTML 21Page - Analog Devices LT8060X Datasheet HTML 22Page - Analog Devices LT8060X Datasheet HTML 23Page - Analog Devices LT8060X Datasheet HTML 24Page - Analog Devices LT8060X Datasheet HTML 25Page - Analog Devices LT8060X Datasheet HTML 26Page - Analog Devices LT8060X Datasheet HTML 27Page - Analog Devices LT8060X Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
24 of 52
(VIN = VEN/UV = 24V, CINTVCC = 2.2µF, VGND = VGND1 = VGND2 = 0V, VBIAS/VOUT = VOUT, CSS = 8.2nF, TA = +25°C, unless otherwise
noted.)
Figure 65. LT80603 Gain/Phase vs. Frequency
(Figure 86 Circuit)
Figure 66. LT80603 Output Short
(Figure 82 Circuit)
Figure 67. LT80603 CISPR 25 Conducted Emission
Test with Class 5 Peak Limits
(See Figure 89, Typical Application Circuit)
Figure 68.LT80603 CISPR 25 Radiated Emission
Test with Class 5 Peak Limits
(See Figure 89, Typical Application Circuit)
CONDITIONS: VIN = 24V, VOUT = 3.3V, IOUT = 3.5A
GAIN CROSSOVER FREQUENCY = 39kHz
PHASE MARGIN = 75°
FREQUENCY (Hz)
1k
10k
100k
200k
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
–180
–144
–108
–72
–36
0
36
72
108
144
180
CONDITIONS: VIN = 24V, VOUT = 5V
40ms/DIV
VOUT
5V/DIV
IL
3A/DIV
LT80603 EVALUATION BOARD
VIN_EMI = 24V, VOUT = 5V, IOUT = 3.5A, fSW = 400kHz
CLASS 5 PEAK LIMIT
FIXED FREQUENCY MODE
SPREAD SPECTRUM MODE
FREQUENCY (MHz)
0.1
1
10
100
–40
–20
0
20
40
60
80
LT80603 EVALUATION BOARD
VIN_EMI = 24V, VOUT = 5V, IOUT = 3.5A, fSW = 400kHz
CLASS 5 PEAK LIMIT
FIXED FREQUENCY MODE
SPREAD SPECTRUM MODE
FREQUENCY (MHz)
0.1
1
10
100
1k
–20
0
20
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com