Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 21 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8060X Datasheet HTML 17Page - Analog Devices LT8060X Datasheet HTML 18Page - Analog Devices LT8060X Datasheet HTML 19Page - Analog Devices LT8060X Datasheet HTML 20Page - Analog Devices LT8060X Datasheet HTML 21Page - Analog Devices LT8060X Datasheet HTML 22Page - Analog Devices LT8060X Datasheet HTML 23Page - Analog Devices LT8060X Datasheet HTML 24Page - Analog Devices LT8060X Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
21 of 52
(VIN = VEN/UV = 24V, CINTVCC = 2.2µF, VGND = VGND1 = VGND2 = 0V, VBIAS/VOUT = VOUT, CSS = 8.2nF, TA = +25°C, unless otherwise
noted.)
Figure 47. LT80603 Output Voltage vs. Load Current
(See Figure 82, Typical Application Circuit)
Figure 48. LT80603 Output Voltage vs. Load Current
(See Figure 81, Typical Application Circuit)
Figure 49. LT80603 Output Voltage vs. Load Current
(See Figure 85, Typical Application Circuit)
Figure 50. LT80603 Output Voltage vs. Load Current
(See Figure 84, Typical Application Circuit)
Figure 51. LT80603 Output Voltage vs. Load Current
Figure 52. LT80603 Output Voltage vs. Load Current
(Figure 88, Typical Application Circuit)
CONDITIONS: VOUT = 5V, FCM MODE, fSW = 400kHz
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 65V
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.980
4.985
4.990
4.995
5.000
CONDITIONS: VOUT = 5V, FCM MODE, fSW = 2.1MHz
VIN = 12V
VIN = 24V
VIN = 48V
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.95
4.97
4.99
5.01
5.03
5.05
1.0
2.0
3.0
CONDITIONS: VOUT = 3.3V, FCM MODE, fSW = 400kHz
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 65V
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
3.280
3.285
3.290
3.295
3.300
CONDITIONS: VOUT = 12V, FCM MODE, fSW = 400kHz
VIN = 24V
VIN = 48V
VIN = 65V
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
11.96
11.97
11.98
11.99
12.00
1.0
2.0
3.0
CONDITIONS: VOUT = 12V, FCM MODE, fSW = 1MHz
VIN = 24V
VIN = 48V
VIN = 65V
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
11.90
11.95
12.00
12.05
12.10
1.0
2.0
3.0
CONDITIONS: VOUT = 24V, FCM MODE, fSW = 400kHz
VIN = 48V
VIN = 65V
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
23.700
23.725
23.750
23.775
23.800
1.0
2.0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com