Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 11 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8060X Datasheet HTML 7Page - Analog Devices LT8060X Datasheet HTML 8Page - Analog Devices LT8060X Datasheet HTML 9Page - Analog Devices LT8060X Datasheet HTML 10Page - Analog Devices LT8060X Datasheet HTML 11Page - Analog Devices LT8060X Datasheet HTML 12Page - Analog Devices LT8060X Datasheet HTML 13Page - Analog Devices LT8060X Datasheet HTML 14Page - Analog Devices LT8060X Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
11 of 52
PIN
NAME
DESCRIPTION
7, 8
GND2
Power Switch Ground. This pin is the return path of the internal bottom-side
power switch. Also, be sure to tie GND2 to the ground plane. See the Application
Information section for a sample layout.
9
VIN2
Power Supply Input Pin. The LT8060x and LT8060xHV require two 0.1µF
small-input bypass capacitors. One 0.1µF capacitor should be placed between
VIN1 (pin 3) and GND1 (pin 4). A second 0.1µF capacitor should be placed between
VIN2 (pin 9) and GND2 (pin 8). These capacitors must be placed as close as possible
to the LT8060x and LT8060xHV. A third larger capacitor of 4.7µF or more should be
placed close to the LT8060x, and LT8060xHV, with the positive terminal connected
to VIN1 and VIN2, and the negative terminal connected to ground. See the
Application Information section for the sample layout.
10
EN/UV
Enable/Undervoltage Lockout Pin. The LT8060x and LT8060xHV are shut down
when this pin is low and active when it is high. The enable threshold voltage is 1V
rising and 0.9V falling. Tie this pin to VIN if the shutdown feature is not required. To
program a VIN threshold below which the LT8060x and LT8060xHV shut down, use
an external resistor divider from VIN.
11
BIAS/VOUT
External Bias input for LDO. Connect the BIAS/VOUT pin to the converter output-
voltage node for output voltages ranging from 2.35V to 25V for improved
efficiency. If this pin is tied to a supply other than VOUT, use a 1µF local bypass
capacitor on this pin. Connect the BIAS/VOUT pin to GND when this feature is not in
use. The BIAS/VOUT pin should be tied to VOUT for programming internal 5V or 3.3V
output. See the INTVcc Regulator section for more details.
12
FB/Vos
Output Feedback/Fixed Output Voltage Selection Pin. Output is sensed and
regulated through this pin, when a resistor divider is connected to this pin from
VOUT to GND. This pin can also be used to select the internal VOUT options by either
connecting to INTVCC or leaving it floating. Choose maximum RFB-TOPor RFB-BOTTOM
such that the maximum effective impedance at FB/VOS is less than 170kΩ.
13
RT
Switching Frequency Programming Input Pin. A resistor is tied between RT and
ground to set the switching frequency between 200kHz and 3MHz. Leave the RT
pin floating to program the device to 400kHz. Connect the RT pin to INTVCC for
programming the device to 2100kHz.
14
TR/SS
Output Tracking and Soft-Start Pin. This pin allows control of the output voltage
ramp rate during start-up. A TR/SS voltage below the internal reference voltage of
0.8V forces the LT8060x and LT8060xHV to regulate the feedback node equal to
the TR/SS pin voltage. When the TR/SS voltage is above the internal reference
voltage of 0.8V, the tracking function is disabled, and the internal reference
resumes control of the error amplifier. An internal 5μA pull-up current from
INTVcc on this pin allows a capacitor to program the output-voltage slew rate.
This pin is pulled to ground with an internal 4Ω MOSFET during shutdown and
fault conditions; use a series resistor if driving from a low-impedance output.
15
SYNC/MODE
Mode Selection Input/ External Clock Synchronization Input Pin. This pin
programs four different operating modes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com