Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 13 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8060X Datasheet HTML 9Page - Analog Devices LT8060X Datasheet HTML 10Page - Analog Devices LT8060X Datasheet HTML 11Page - Analog Devices LT8060X Datasheet HTML 12Page - Analog Devices LT8060X Datasheet HTML 13Page - Analog Devices LT8060X Datasheet HTML 14Page - Analog Devices LT8060X Datasheet HTML 15Page - Analog Devices LT8060X Datasheet HTML 16Page - Analog Devices LT8060X Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
13 of 52
FUNCTIONAL DIAGRAM
Figure 4. LT8060x and LT8060xHV Functional Diagram
GND
SYNC/MODE
RT
TR/SS
FB/VOS
PG/TJ
EN/UV
VIN1
INTERNAL 0.8V REF
BST
SW
VIN2
INTVCC
M1
M2
INTVCC
VC
5µA
PG THRESHOLD
ERROR
AMP
EN SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
RT
CSS
R1
R2
C1
VOUT
R3
OPT
R4
OPT
CIN3
VIN
CIN1
COUT
VOUT
L
CBST
CVCC
CIN2
DIE
TEMPERATURE
MONITOR
RFB-TOP-INT
CFF-INT
BIAS/VOUT
FBINT
FBINT
FEEDBACK
NODE
PW =256µs
ENABLED DURING
POWER-UP
SEQUENCE AND
HICCUP
INTVCC
5
GND1
GND2
7
8
4
GND1
GND2
1
14
12
16
10
3
9
17
2
6
13
15
11
1.8V
REG
SLOPE COMP
OSCILLATOR
BURST
DETECT
SWITCH
LOGIC
AND
ANTI-SHOOT
THROUGH
VOS
SELECTOR
EP
RFB-BOT-INT
RMODE1
RMODE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com