Electronic Components Datasheet Search
  English  ▼

X  

LT8060X Datasheet(PDF) 3 Page - Analog Devices

Part # LT8060X
Description  3V to 65V, 2.5A/3.5A/4.5A Synchronous Step-Down Silent Switcher with 8μA Quiescent Current
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8060X Datasheet(HTML) 3 Page - Analog Devices

  LT8060X Datasheet HTML 1Page - Analog Devices LT8060X Datasheet HTML 2Page - Analog Devices LT8060X Datasheet HTML 3Page - Analog Devices LT8060X Datasheet HTML 4Page - Analog Devices LT8060X Datasheet HTML 5Page - Analog Devices LT8060X Datasheet HTML 6Page - Analog Devices LT8060X Datasheet HTML 7Page - Analog Devices LT8060X Datasheet HTML 8Page - Analog Devices LT8060X Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Data Sheet
LT80602, LT80603
analog.com
Rev. 0
3 of 52
Thermal Considerations and Peak Output Current.......................................................................................................................40
Typical application circuits.................................................................................................................................................................41
Typical Application Circuit 5V/3.5A Output ...................................................................................................................................41
Typical Application Circuit 12V/3.5A Output .................................................................................................................................42
Typical Application Circuit 3.3V/3.5A Output ................................................................................................................................43
Typical Application Circuit 1.8V/3.5A Output ................................................................................................................................44
Typical Application Circuit 24V/3.5A Output .................................................................................................................................45
Typical Application Circuits for Ultralow EMI ................................................................................................................................46
Outline Dimensions.............................................................................................................................................................................48
Ordering Guide....................................................................................................................................................................................51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com