Electronic Components Datasheet Search
  English  ▼

X  

TLC770X Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC770X
Description  BiCMOS SUPPLY VOLTAGE SUPERVISORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC770X Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC770X Datasheet HTML 13Page - Texas Instruments TLC770X Datasheet HTML 14Page - Texas Instruments TLC770X Datasheet HTML 15Page - Texas Instruments TLC770X Datasheet HTML 16Page - Texas Instruments TLC770X Datasheet HTML 17Page - Texas Instruments TLC770X Datasheet HTML 18Page - Texas Instruments TLC770X Datasheet HTML 19Page - Texas Instruments TLC770X Datasheet HTML 20Page - Texas Instruments TLC770X Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
4. The Behavior of Digital Circuits
The behavior of the circuit which is being monitored, and the switch on times which result, must be understood in
order to make correct use of the Supply Voltage Supervisor TLC770X.
The delay time td which must be adjusted on these components depends on the time which the system requires to
become stable after the supply voltage has been switched on.
The circuit which is being monitored must be switched into an active state only when all parts of the circuit are fully
operational.
At this point special attention must be paid to two factors.
The oscillators used in the circuit (usually crystal oscillators) must be oscillating properly before the Reset signal
becomes inactive. The higher the quality factor of such an oscillator (i.e. the lower the damping), the longer will be
the time to begin oscillating. In the case of very good oscillator circuits, this can be in the order of several 10’s of ms.
For this period of time, no precise reaction of the system being monitored can be predicted.
The Reset circuit of the microprocessor is the second factor which must be taken into account when choosing the
delay time td which will be used.
If a Low level is applied to the
RESET
Input
−
of a microprocessor, then a Reset program will be initiated which
brings the processor into a defined initial state. This Reset signal must therefore be applied to the Reset input for a
time long enough for the program to have been fully completed, and for the system to have reached a defined state.
With a TMS320C30 (see Figure 15.) the processing of the Reset program lasts for 10 clock cycles of the internal
clock pulse H1. The clock cycle of H1 is double as long as the clock cycle of the oscillator CLKIN. With a clock
frequency of the external clock CLKIN of 20 MHz, the time t which results is:
ts
ns
=⋅
=
−
10 10
1000
7
Figure 15.
RESET procedure with the TMS370
The RESET signal must therefore be applied for at least 1000 ns, in order to bring the system into a defined initial
state.
In accordance with the considerations discussed above, the RESET signal must be applied at least until the supply
voltage has reached its nominal value, until the oscillator is correctly oscillating, and until the initialization program of
the processor has been completed. Only after this time has elapsed can correct operation of the system be assured.
In practice, the delay time will therefore be chosen to be several 100’s of ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com