Electronic Components Datasheet Search
  English  ▼

X  

TLC770X Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC770X
Description  BiCMOS SUPPLY VOLTAGE SUPERVISORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC770X Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC770X Datasheet HTML 19Page - Texas Instruments TLC770X Datasheet HTML 20Page - Texas Instruments TLC770X Datasheet HTML 21Page - Texas Instruments TLC770X Datasheet HTML 22Page - Texas Instruments TLC770X Datasheet HTML 23Page - Texas Instruments TLC770X Datasheet HTML 24Page - Texas Instruments TLC770X Datasheet HTML 25Page - Texas Instruments TLC770X Datasheet HTML 26Page - Texas Instruments TLC770X Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
The time delay is set by means of the capacitor Ct = 220 µF to about 5 s. The output RESET is connected to the
gate of the transistor Q. As long as the
RESET output is Low, the transistor Q will remain non conducting, and no
current will flow through the relay REL. After the elapse of the delay time td, the RESET signal becomes High, and
the transistor Q conducts and energizes the relay REL.
The output circuit is protected with a clamp diode, in order to eliminate safely the energy stored in the coil of the
relay REL when the transistor is switched off.
5.2 Applications in Systems
An additional potential application of the TLC770X is in battery backed memory systems (Figure 21.).
Figure 21.
Voltage monitoring in a battery backed memory system
The operation of the system with the full supply voltage and after the elapse of the delay time td can be described as
follows.
The microcomputer controls the input CONTROL of the TLC7705, by means of the signal
CSH1. Whenever the
microcontroller makes access to the memory, the output
CSH1 becomes Low, and it selects the memory ( CS = Low)
via the path CONTROL-RESET of the TLC7705 (see Figure 5.).
Should there be a failure of the supply voltage, the memory must be isolated from the microcontroller, so than there
can be no uncontrolled write and read accesses to the memory. Therefore, whenever the supply voltage falls below
the permissible nominal value, the memory is put into an inactive state (
CS = High) by means of the output RESET.
To ensure that in such a case there will be no loss of data in the memory, the latter, together with the monitoring
circuit, are supplied by the battery should there be a failure of the supply voltage. In this situation the very low
current consumption of the TLC7705 is an advantage, since this results in a very long life for the battery. The
CONTROL input is switched off in this state, so that undefined levels at the microcontroller output
CSH1 will not
result in an increase of the current consumption (see Section 3).
5.3 Application Hints
When using the TLC770X, the following precautions must be taken in order to ensure that a RESET circuit operates
absolutely correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com