Electronic Components Datasheet Search
  English  ▼

X  

TLC770X Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC770X
Description  BiCMOS SUPPLY VOLTAGE SUPERVISORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC770X Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC770X Datasheet HTML 18Page - Texas Instruments TLC770X Datasheet HTML 19Page - Texas Instruments TLC770X Datasheet HTML 20Page - Texas Instruments TLC770X Datasheet HTML 21Page - Texas Instruments TLC770X Datasheet HTML 22Page - Texas Instruments TLC770X Datasheet HTML 23Page - Texas Instruments TLC770X Datasheet HTML 24Page - Texas Instruments TLC770X Datasheet HTML 25Page - Texas Instruments TLC770X Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
In order to ensure that a defined RESET signal is generated if there is a complete failure of the negative voltage, a
1 M
Ω Pull-Down resistor is connected to the gate of the transistor, which makes sure that the transistor conducts in
such a case, and that there is a Low level at the
RESIN input of the device
.
A Supply Voltage Supervisor can also be used in an audio amplifier, in order only to connect the loudspeaker via the
relay REL after a certain time delay (see Figure 20.).
Figure 20.
Delay circuit in an audio amplifier
For cost reasons the positive and negative supply voltages which are used in such amplifiers are only controlled with
a single monitoring circuit. For simplicity, the negative supply voltage was chosen as the reference potential of the
circuit.
The supply voltage of the TLC7701 is divided down by a resistor R1 and a zener diode D2 and stabilized at 5.1 V.
The desired threshold voltage Vt’ is set by the resistive voltage divider R2 and R3. This voltage divider must lie
between the negative and positive supply voltages, in order to indicate a failure of either supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com