Electronic Components Datasheet Search
  English  ▼

X  

TLC770X Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC770X
Description  BiCMOS SUPPLY VOLTAGE SUPERVISORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC770X Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC770X Datasheet HTML 17Page - Texas Instruments TLC770X Datasheet HTML 18Page - Texas Instruments TLC770X Datasheet HTML 19Page - Texas Instruments TLC770X Datasheet HTML 20Page - Texas Instruments TLC770X Datasheet HTML 21Page - Texas Instruments TLC770X Datasheet HTML 22Page - Texas Instruments TLC770X Datasheet HTML 23Page - Texas Instruments TLC770X Datasheet HTML 24Page - Texas Instruments TLC770X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
Figure 19.
The monitoring of a positive and negative supply voltage
The circuit shown in Figure 19. demonstrates the monitoring of a positive and a negative supply voltage. The device
 monitors the positive supply voltage and generates the system Reset. The delay time of device  thus depends
on the switch on times of the circuit being monitored. The device
ô must only inform device  of the failure of the
negative supply voltage. For this purpose, the RESET output of device
ô is connected to the gate of the JFET
BC264C.
As long as device
ô supplies a RESET signal, the transistor Q will remain conducting, and there will be a Low level
at the input
RESIN of device
. Only when the negative supply voltage has reached its nominal value and transistor
Q has thus become non conducting will the
RESIN input connected to it be pulled to High, and the delay time of
device
 commence. After this, the system will be switched into an active state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com