Electronic Components Datasheet Search
  English  ▼

X  

TLC770X Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC770X
Description  BiCMOS SUPPLY VOLTAGE SUPERVISORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC770X Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC770X Datasheet HTML 14Page - Texas Instruments TLC770X Datasheet HTML 15Page - Texas Instruments TLC770X Datasheet HTML 16Page - Texas Instruments TLC770X Datasheet HTML 17Page - Texas Instruments TLC770X Datasheet HTML 18Page - Texas Instruments TLC770X Datasheet HTML 19Page - Texas Instruments TLC770X Datasheet HTML 20Page - Texas Instruments TLC770X Datasheet HTML 21Page - Texas Instruments TLC770X Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
5. Examples of Applications
To allow these Supply Voltage Supervisors to be used in a variety of systems, they have been provided with various
threshold voltages Vt .

TLC7701: This device is needed when there are no “standard” supply voltages to be monitored. The desired
threshold voltage can be set by means of external voltage divider (See Section 3).

TLC7703: For battery operated applications with nominal supply voltages of 3.3V, but with which a minimum
supply voltage of 2.7V is permissible, in order to extend the operating time.

TLC7733: For applications requiring a nominal supply voltage of 3.3V (±10%).

TLC7705: For applications in microcomputer systems, which operate from a supply voltage of 5V.
5.1 Voltage Monitoring
For the construction of a circuit to monitor a “standard” voltage, the only additional external component needed is the
timing capacitor Ct. (See Figure 16.)
Figure 16.
Simple voltage monitoring circuit with the TLC7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com