Electronic Components Datasheet Search
  English  ▼

X  

TLC770X Datasheet(PDF) 24 Page - Texas Instruments

Part # TLC770X
Description  BiCMOS SUPPLY VOLTAGE SUPERVISORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC770X Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC770X Datasheet HTML 19Page - Texas Instruments TLC770X Datasheet HTML 20Page - Texas Instruments TLC770X Datasheet HTML 21Page - Texas Instruments TLC770X Datasheet HTML 22Page - Texas Instruments TLC770X Datasheet HTML 23Page - Texas Instruments TLC770X Datasheet HTML 24Page - Texas Instruments TLC770X Datasheet HTML 25Page - Texas Instruments TLC770X Datasheet HTML 26Page - Texas Instruments TLC770X Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24
When switching the outputs, for some nanoseconds both transistors at the output will be momentarily conducting,
and - as is usual with digital CMOS circuits having push-pull outputs-current peaks of several mA will be generated
on the supply line (see Figure 22.).
-1
0
1
2
3
4
5
6
7
0
15
30
45
60
75
90
105 120 135 150 165 180 195
t [ns]
-30
-25
-20
-15
-10
-5
0
5
10
15
∆ ICC
CONTROL
Figure 22.
Current peaks on the supply line when switching the RESET output
To prevent these current peaks causing malfunction of the circuit, a blocking capacitor having a value of 0.1
µF
should be connected between the supply line and Ground. This will ensure that the switching currents which arise do
not generate unacceptable disturbances on the supply line.
When laying out the circuit board for a monitoring circuit, care must be taken that no currents resulting from other
nearby circuits can flow in the lines leading to the monitor section. An additional critical point in the layout is the
connections to the blocking capacitor CB, through which flow the current peaks mentioned above. A good solution to
this is the use of a star-shaped connection of all connections to Ground, which will reduce undesirable coupling to a
minimum.
Figure 23. shows a suggested layout for the connection of the capacitors Ct and CB, and of the external voltage
divider R1/R2. The connections are taken directly to the corresponding connecting pins on the package, in order to
avoid the above mentioned undesirable influences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com