Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 29 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 29 Page - Taoglas antenna solutions

Back Button ASGPDF254.A Datasheet HTML 23Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 24Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 25Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 26Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 27Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 28Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 29Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 30Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 31Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
28
www.taoglas.com
SPE-23-8-190-A
10.3
Peak Gain
10.4
Efficiency
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
1400
1425
1450
1475
1500
1525
1550
1575
1600
1625
1650
1675
1700
Frequency [GHz]
70X70(mm)
50X50(mm)
35X35(mm)
25X25(mm)
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
1.40
1.43
1.45
1.48
1.50
1.53
1.55
1.58
1.60
1.63
1.65
1.68
1.70
Frequency [GHz]
70X70(mm)
50X50(mm)
35X35(mm)
25X25(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com