Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  ASGPDF254.A Datasheet HTML 1Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 2Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 3Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 4Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 5Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 6Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 7Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 8Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SPE-23-8-190-A
Active GNSS Surface Mount Patch
Part No:
ASGPDF254.A
Description
GPS/GLONASS/BeiDou/Galileo SMD Dual Feed Active Patch with Embedded
Active Circuitry
Features:
Embedded Dual-Feed Patch for Lowest Axial Ratio
Covers Bands:
-
GPS L1C
-
GLONASS L1
-
Galileo E1
-
BeiDou B1
SMD Antenna – No Cable and Connector Required
Dimension: 25*25*6.5mm
Designed for a 70x70mm Ground plane
RoHS & Reach Compliant


Similar Part No. - ASGPDF254.A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASG ABRACON-ASG Datasheet
547Kb / 1P
HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
logo
List of Unclassifed Man...
ASG-101 ETC-ASG-101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
logo
Super Micro Computer, I...
ASG-1014S-ACR12N4H SUPERMICRO-ASG-1014S-ACR12N4H Datasheet
552Kb / 2P
MegaDC A Server ASG-1014S-ACR12N4H
ASG-1115S-NE316R SUPERMICRO-ASG-1115S-NE316R Datasheet
481Kb / 2P
Storage A Server ASG-1115S-NE316R
ASG-1115S-NE3X12R SUPERMICRO-ASG-1115S-NE3X12R Datasheet
479Kb / 2P
Storage A Server ASG-1115S-NE3X12R
More results

Similar Description - ASGPDF254.A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3228 PULSE-W3228 Datasheet
788Kb / 7P
CERAMIC PATCH ANTENNA,25x25x4mm GNSS PIN MOUNT
logo
Taoglas antenna solutio...
AGGP.35F.07.0060A TAOGLAS-AGGP.35F.07.0060A_17 Datasheet
1Mb / 10P
35mm Two Stage 28dB GPS-GLONASS-GALILEO GNSS Active Patch
AGGP.25F.07.0060A TAOGLAS-AGGP.25F.07.0060A_17 Datasheet
767Kb / 9P
25mm Two Stage GPS-GLONASS-GALILEO GNSS Active Patch
logo
Tallysman Wireless Inc.
TW2643A TALLYSMAN-TW2643A Datasheet
232Kb / 2P
TW2643A Active Magnet Mount Iridium짰 / GNSS Antenna
TW2743 TALLYSMAN-TW2743 Datasheet
230Kb / 2P
TW2743 Magnet Mount Passive Iridium짰 / Active GNSS Antenna
logo
Pulse A Technitrol Comp...
GNSSDM700 PULSE-GNSSDM700 Datasheet
2Mb / 18P
WiFi /Active GNSS Direct Mount Antenna
logo
Linx Technologies
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C185L160 LINX-ANT-GNCP-C185L160 Datasheet
909Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C106L160 LINX-ANT-GNCP-C106L160 Datasheet
919Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C357L160 LINX-ANT-GNCP-C357L160 Datasheet
872Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com