Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 28 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 28 Page - Taoglas antenna solutions

Back Button ASGPDF254.A Datasheet HTML 23Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 24Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 25Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 26Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 27Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 28Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 29Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 30Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 31Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
27
www.taoglas.com
SPE-23-8-190-A
10. Application Note
The ASGGB254.A performance varies at different ground plane sizes, the results are shown in this section
10.1
VSWR
10.2
Efficiency
1.0
2.0
3.0
4.0
5.0
1400
1425
1450
1475
1500
1525
1550
1575
1600
1625
1650
1675
1700
Frequency [GHz]
70X70(mm)
50X50(mm)
35X35(mm)
25X25(mm)
0%
20%
40%
60%
80%
100%
1400
1425
1450
1475
1500
1525
1550
1575
1600
1625
1650
1675
1700
Frequency [GHz]
70X70(mm)
50X50(mm)
35X35(mm)
25X25(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com