Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 20 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 20 Page - Taoglas antenna solutions

Back Button ASGPDF254.A Datasheet HTML 16Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 17Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 18Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 19Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 20Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 21Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 22Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 23Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 24Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
19
www.taoglas.com
SPE-23-8-190-A
7.1
Schematic Symbol and Pin Definition
The circuit symbol for the antenna is shown below. The antenna has 9 pins as indicated below. Pin 1 represents
the GNSS frequency bands at 1559- 1610MHz.
Pin
Description
1
RF Feed
2-9
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com