Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 5 Page - Taoglas antenna solutions

  ASGPDF254.A Datasheet HTML 1Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 2Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 3Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 4Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 5Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 6Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 7Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 8Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
4
www.taoglas.com
SPE-23-8-190-A
GNSS Electrical
Frequency (MHz)
1561
1575.42
1603
Efficiency (%)
30.3
61.8
50.7
Average Gain (dB)
-5.19
-2.09
-2.95
Peak Gain (dBi)
1.23
4.36
3.55
Impedance
50 Ω
Polarization
Linear
Radiation Pattern
Directional
LNA and Filter Electrical Properties
Frequency (MHz)
1561
1575.42
1602
Return Loss (dB)
<-10
<-10
<-10
Gain @ 3V (dB)
14.3
14.9
13.7
Noise @ 3V (dB)
2.0
1.9
2.0
DC Power Input (V)
1.8 ~ 5.5
Power consumption @3V (mA)
4.5
Outer Band Attenuation (dB)
> 60 @ 617-960 MHz
> 50 @ 1,710-2,170 MHz
Mechanical
Ceramic Dimension (mm)
25 x 25 x 6.4
Weight (g)
--
Material
Ceramic
Environmental
Operation Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
Moisture Sensitivity Level (MSL)
3 (168 Hours)
* Antenna properties were measured with the antenna mounted on 70*70mm Ground Plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com