Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 4 Page - Taoglas antenna solutions

  ASGPDF254.A Datasheet HTML 1Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 2Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 3Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 4Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 5Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 6Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 7Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 8Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
3
www.taoglas.com
SPE-23-8-190-A
2.
Specification
GNSS Frequency Bands
GPS
L1
1575.42 MHz
L2
1227.6 MHz
L5
1176.45 MHz
◼
GLONASS
G1
1602 MHz
G2
1248 MHz
G3
1207 MHz
◼
Galileo
E1
1575.24 MHz
E5a
1176.45 MHz
E5b
1201.5 MHz
E6
1278.75 MHz
◼
BeiDou
B1C
1575.42 MHz
B1I
1561 MHz
B2a
1176.45 MHz
B2b
1207.14 MHz
B3
1268.52 MHz
◼
◼
L-Band
L-Band
1542 MHz
◼
QZSS (Regional)
L1
1575.42 MHz
L2C
1227.6 MHz
L5
1176.45 MHz
L6
1278.75e6
◼
IRNSS (Regional)
L5
1176.45 MHz
SBAS
L1/E1/B1
1575.42 MHz
L5/B2a/E5a
1176.45 MHz
G1
1602 MHz
G2
1248 MHz
G3
1207 MHz
◼
◼
GNSS Bands and Constellations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com