Electronic Components Datasheet Search
  English  ▼

X  

ASGPDF254.A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # ASGPDF254.A
Description  Active GNSS Surface Mount Patch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ASGPDF254.A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  ASGPDF254.A Datasheet HTML 1Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 2Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 3Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 4Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 5Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 6Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 7Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 8Page - Taoglas antenna solutions ASGPDF254.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
www.taoglas.com
SPE-23-8-190-A
1.
Introduction
The Taoglas ASGPDF254.A is a single band active GNSS patch covering GPS/GLONASS/BeiDou/Galileo.
The ASGPDF254.A has been designed with a dual pin patch to enhance performance by improving
multipath rejection so signals can be received and sent more clearly.
With hidden active circuitry embedded between the ceramic patch and PCB base, it has been designed
to allow the user to mount it directly onto their device PCB. This eliminates the need for using a cable
and connector thus speeding up the assembly process by allowing successfully solder surface mount
components to a circuit board via the SMD process. The ASGPDF254.A measures 25 x 25 x 6.45mm and
is optimized for a ground plane size of 70*70mm being required for operation however smaller ground
planes can be used.
The ASGPDF254.A also includes a two-stage LNA and a front-end SAW filter to reduce out of band noise
such as from nearby cellular transceivers and this improves the probability of the wireless device passing
radiated spurious emissions certification. As with many high performance Taoglas patches, the series is
produced in a TS16949 automotive quality approved facility, and each patch produced is 100% tested for
gain (S21) and return loss (S11) to ensure total consistency of performance.
Typical Applications Include:
-
Wearables
-
Asset Tracking
-
Navigation Systems
Taoglas also offers custom tuning service based on minimum order quantities, contact your regional
Taoglas customer support team for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com