Electronic Components Datasheet Search
  English  ▼

X  

SM5330AF Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5330AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —3
PIN DESCRIPTION
Number
Name
I/O*1
A/D*2
Description
1
IN3_1
I
A
System 3 channel 1 video signal input pin
2
IN3_2
I
A
System 3 channel 2 video signal input pin
3
IN3_3
I
A
System 3 channel 3 video signal input pin
4
GND
GND
A
Analog ground pin
5
IN4_1
I
A
System 4 channel 1 video signal input pin
6
IN4_2
I
A
System 4 channel 2 video signal input pin
7
IN4_3
I
A
System 4 channel 3 video signal input pin
8
GND
GND
A
Analog ground pin
9
DAC_0
O
A
DAC voltage output pin. Output voltage set using the I2C BUS.
10
TEST
I
D
Test pin. Connect to ground for normal operation.
11
DAC_1
O
A
DAC voltage output pin. Output voltage set using the I2C BUS.
12
GND
GND
A
Analog ground pin
13
YOUT
O
A
Y signal output pin. The channel 3 video signal is output without filtering.
14
GND
GND
A
Analog ground pin
15
OUT_3
O
A
Channel 3 video signal output pin.
The output system is selected using the I2C BUS.
16
VCC
P
A
Analog supply pin
17
GND
GND
A
Analog ground pin
18
VCC
P
A
Analog supply pin
19
OUT_2
O
A
Channel 2 video signal output pin.
The output system is selected using the I2C BUS.
20
GND
GND
A
Analog ground pin
21
OUT_1
O
A
Channel 1 video signal output pin.
The output system is selected using the I2C BUS.
22
VCC
P
A
Analog supply pin
23
VCCD
P
D
Logic supply pin. Connect to the same potential as VCC.
24
I/O_0
I/O
D
Logic I/O pins. Outputs are open-drain. Connect pull-up to VCCD.
The open-drain outputs are turned ON/OFF using I2C BUS settings.
The input state can be read out via the I2C BUS.
25
I/O_1
I/O
D
26
ADS
I
D
Address select pin. 3-state input
Select the I2C BUS slave address. (L: 48h, H: 49h, Z: 4Ah)
27
SCL
I
D
I2C BUS clock signal pin. Connect pull-up to VDD.
28
SDA
I/O
D
I2C BUS data signal pin. Connect pull-up to VDD. The output is open-drain.
29
VDD
P
D
I2C BUS interface-stage supply pin. 3.0V to 5.5V
30
DGND
GND
D
Logic ground pin
31
IREF
O
A
Cutoff frequency control pin.
Connect a 1.8k
Ω ±1% resistor between this pin and GND.
The current that flows in the resistor sets the internal filter reference current.
32
VREF
O
A
Internal reference voltage pin
33
GND
GND
A
Analog ground pin
34
IN1_1
I
A
System 1 channel 1 video signal input pin
35
IN1_2
I
A
System 1 channel 2 video signal input pin
36
IN1_3
I
A
System 1 channel 3 video signal input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com