Electronic Components Datasheet Search
  English  ▼

X  

SM5330AF Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5330AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —11
DAC Characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, unless otherwise noted.
Test Level
The definition of “Test Level” shown in the electric characteristic table is as follows.
I : 100% of products tested at Ta = + 25
°C.
II : Guaranteed as result of design and characteristics evaluation.
Measurement Circuit
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Differential linearity
DLE
DAC_0, DAC_1,
Vn: output voltage at resister value set “n”
−1
0
+1
LSB
I
DAC HIGH-level output voltage
VOH–DAC
DAC_0, DAC_1, DAC0 = DAC1 = FFh
4.30
4.45
4.60
V
I
DAC LOW-level output voltage
VOL–DAC
DAC_0, DAC_1, DAC0 = DAC1 = 00h
0.25
0.35
0.45
V
I
DAC output current
IO–DAC
DAC0 = DAC1 = FFh
–0.5
−
+0.5
mA
I
Note. This is a circuit only for the evaluation board of an electric characteristics. (It is not a recommended application circuit.)
Vn – Vn–1
(V191 – V63)/128
– 1, n = 1 to 255
YOUT
GND
OUT_3
VCC
GND
VCC
OUT_2
GND
OUT_1
VCC
VCCD
I/O_0
IN1_L1
IN1_L2
IIN1_L3
IN1_SW
IN2_1
IN2_2
IN2_3
VCC
IN2_L1
IN2_L2
IN2_L3
IN2_SW
IN2_Y
IN2_PB
IN2_PR
IN1_SW
IN1_L3
IN1_L2
IN1_L1
1
µF
1
µF
1
µF
IN2_L1
IN2_L2
IN2_L3
IN2_SW
IN3_Y
IN3_PB
IN3_PR
1
µF
1
µF
1
µF
IN4_Y
IN4_PB
IN4_PR
1
µF
1
µF
1
µF
IN1_Y
IN1_PB
IN1_PR
1
µF
1
µF
1
µF
0
Ω
1000
µF
0
Ω
1000
µF
0
Ω
1000
µF
OUT_PB
OUT_PR
OUT_Y
I/O_0
I/O_1
SCL
SDA
DAC_1
DAC_0
YOUT
VDD VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com